Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIX9211 Datasheet(PDF) 39 Page - Texas Instruments

Part # DIX9211
Description  216-kHz Digital Audio Interface Transceiver (DIX)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX9211 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DIX9211 Datasheet HTML 35Page - Texas Instruments DIX9211 Datasheet HTML 36Page - Texas Instruments DIX9211 Datasheet HTML 37Page - Texas Instruments DIX9211 Datasheet HTML 38Page - Texas Instruments DIX9211 Datasheet HTML 39Page - Texas Instruments DIX9211 Datasheet HTML 40Page - Texas Instruments DIX9211 Datasheet HTML 41Page - Texas Instruments DIX9211 Datasheet HTML 42Page - Texas Instruments DIX9211 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 110 page
background image
RXIN0
RXIN1
RXIN2
RXIN3
RXIN4/ASCKI0
RXIN5/ABCKI0
RXIN6/ALRCKI0
RXIN7/ADIN0
MPIO_A0 (CLKST)
SCKO
MPIO_A1 (VOUT)
BCK
MPIO_A2 (XMCKO)
LRCK
MPIO_A3 (INT0)
DOUT
MPIO_A
Selector
RXIN8
RXIN9
RXIN10
RXIN11
DITOUT
DITOUT
RECOUT1
RECOUT1
RECOUT0
RECOUT0
RXIN7
RXIN6
RXIN5
RXIN4
RXIN3
RXIN2
RXIN1
RXIN0
FILT
AUXIN0
Main
Output
Port
DIR
PLL
Clock/Data
Recovery
Lock
Detection
Lock: DIR
Unlock: XTI
AUTO
DIR
XTI
AUXIN0
AUXIN1
AUXIN2
AUTO
DIR
XTI
AUXIN0
AUXIN1
AUXIN2
AUTO
DIR
XTI
AUXIN0
AUXOUT
AUXIN1
AUXIN2
MPIO_C0 (TXSCK)
MPIO_C1 (TXBCK)
MPIO_C2 (TXLRCK)
MPIO_C3 (TXDIN)
MPIO_C
Selector
MPIO_B0 (ASCKI2)
MPIO_B1 (ABCKI2)
MPIO_B2 (ALRCKI2)
MPIO_B3 (ADIN2)
XTI
XTO
MPIO_B
Selector
AUXIN1
OSC
XTI Clock
(SCK/BCK/
LRCK)
Secondary BCK/LRCK
Divider
Selector
XMCKO
(To MPIO_A and MPO0/1)
Divider
XMCKO
Divider
RXIN7
DOUT
SCKO/BCK/LRCK
DIT
MPO0
MPO0/1
Selector
MPO1
SBCK/SLRCK
(to MPIO_A)
EXTRA DIR
FUNCTIONS
Error Detection
Non-PCM Detection
f Calculator
Flags
DTS-CD/LD Detection
Validity Flag
User Data
Channel Status Data
BFRAME Detection
Interrupt System
S
ERROR/INT0
NPCM/INT1
MPIO_A
MPIO_B
MPIO_C
MPO0
MPO1
Function
Control
DIR
(48-Bit)
CS
DIR
(48-Bit)
CS
DIR P
and P
C
D
DIR f
Calculator
S
All Port f
Calculator
S
DIR
Interrupt
GPIO/GPO
Data
Register
These pins are
at default
Hi-Z
DIX9211
www.ti.com
SBAS519 – SEPTEMBER 2010
Default Routing Function (After RESET)
The default routing paths are shown in Figure 15 in blue. MPIO_A0-A3 are selected by CLKST, VOUT, XMCKO,
and INT0. Note that by default, MPIO_A0-A3 pins are Hi-Z as set by Registers MPA0HZ, MPA1HZ, MPA2HZ,
and MPA3HZ.
Figure 15. Default Routing Block Diagram
By default, the DIR receives data on RXIN2. When the DIR is unlocked, the XTI has priority, and uses the Main
port. When the DIR is locked, data from the MAIN PORT are DIR data.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): DIX9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com