Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83849CVS/NOPB.A Datasheet(PDF) 16 Page - Texas Instruments

Part # DP83849CVS/NOPB.A
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB.A Datasheet(HTML) 16 Page - Texas Instruments

Back Button DP83849CVS/NOPB.A Datasheet HTML 12Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 13Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 14Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 15Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 16Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 17Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 18Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 19Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 100 page
background image
15
www.national.com
1.8 Special Connections
1.9 Power Supply Pins
Signal Name
Type
Pin #
Description
RBIAS
I
32
Bias Resistor Connection: A 4.87 k
Ω 1% resistor should be con-
nected from RBIAS to GND.
PFBOUT
O
31
Power Feedback Output: Parallel caps, 10
µ F and 0.1µF, should
be placed close to the PFBOUT. Connect this pin to PFBIN1 (pin
13), PFBIN2 (pin 27), PFBIN3 (pin35), PFBIN4 (pin 49). See
Section 5.4 for proper placement pin.
PFBIN1
PFBIN2
PFBIN3
PFBIN4
I
7
28
34
54
Power Feedback Input: These pins are fed with power from
PFBOUT pin. A small capacitor of 0.1
µF should be connected
close to each pin.
Note: Do not supply power to these pins other than from
PFBOUT.
RESERVED
I/O
72, 73, 74,
75, 76
RESERVED: These pins must be left unconnected.
Signal Name
Pin #
Description
IOVDD1, IOVDD2, IOVDD3,
IOVDD4
11,51,65,78
I/O 3.3V Supply
IOGND1, IOGND2,
IOGND3, IOGND4
10,52,64,77
I/O Ground
COREGND1, COREGND2
6,55
Core Ground
CDGND1, CDGND2
25,37
CD Ground
ANA33VDD
30
Analog 3.3V Supply
ANAGND1, ANAGND2,
ANAGND3, ANAGND4
22,29,33,40
Analog Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com