Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83849CVS/NOPB.A Datasheet(PDF) 76 Page - Texas Instruments

Part # DP83849CVS/NOPB.A
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB.A Datasheet(HTML) 76 Page - Texas Instruments

Back Button DP83849CVS/NOPB.A Datasheet HTML 72Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 73Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 74Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 75Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 76Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 77Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 78Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 79Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 100 page
background image
75
www.national.com
7.3.10 Link Quality Data Register (LQDR), Page 2
This register provides read/write control of thresholds for the 100Mb Link Quality Monitor function. The register also pro-
vides a mechanism for reading current adapted parameter values. Threshold values may not be written if the device is
powered-down
.
Table 52. Link Quality Data Register (LQDR), address 1Eh
Bit
Bit Name
Default
Description
15:14
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
13
SAMPLE_PARAM
0, RW
Sample DSP Parameter:
Setting this bit to a 1 enables reading of current parameter values
and initiates sampling of the parameter value. The parameter to be
read is selected by the LQ_PARAM_SEL bits.
12
WRITE_LQ_THR
0, RW
Write Link Quality Threshold:
Setting this bit will cause a write to the Threshold register selected
by LQ_PARAM_SEL and LQ_THR_SEL. The data written is con-
tained in LQ_THR_DATA. This bit will always read back as 0.
11:9
LQ_PARAM_SEL
0, RW
Link Quality Parameter Select:
This 3-bit field selects the Link Quality Parameter. This field is used
for sampling current parameter values as well as for reads/writes to
Threshold values. The following encodings are available:
000: DEQ_C1
001: DAGC
010: DBLW
011: Frequency Offset
100: Frequency Control
8
LQ_THR_SEL
0, RW
Link Quality Threshold Select:
This bit selects the Link Quality Threshold to be read or written. A
0 selects the Low threshold, while a 1 selects the high threshold.
When combined with the LQ_PARAM_SEL field, the following en-
codings are available {LQ_PARAM_SEL, LQ_THR_SEL}:
000,0: DEQ_C1 Low
000,1: DEQ_C1 High
001,0: DAGC Low
001,1: DAGC High
010,0: DBLW Low
010,1: DBLW High
011,0: Frequency Offset Low
011,1: Frequency Offset High
100,0: Frequency Control Low
100,1: Frequency Control High
7:0
LQ_THR_DATA
0, RW
Link Quality Threshold Data:
The operation of this field is dependent on the value of the
Sample_Param bit.
If Sample_Param = 0:
On a write, this value contains the data to be written to the selected
Link Quality Threshold register.
On a read, this value contains the current data in the selected Link
Quality Threshold register.
If Sample_Param = 1:
On a read, this value contains the sampled parameter value. This
value will remain unchanged until a new read sequence is started.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com