Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83849CVS/NOPB.A Datasheet(PDF) 91 Page - Texas Instruments

Part # DP83849CVS/NOPB.A
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB.A Datasheet(HTML) 91 Page - Texas Instruments

Back Button DP83849CVS/NOPB.A Datasheet HTML 87Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 88Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 89Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 90Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 91Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 92Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 93Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 94Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 100 page
background image
www.national.com
90
8.2.21 10BASE-T Normal Link Pulse Timing
Note: These specifications represent transmit timings.
8.2.22 Auto-Negotiation Fast Link Pulse (FLP) Timing
Note: These specifications represent transmit timings.
Parameter
Description
Notes
Min
Typ
Max
Units
T2.21.1
Pulse Width
100
ns
T2.21.2
Pulse Period
16
ms
Parameter
Description
Notes
Min
Typ
Max
Units
T2.22.1
Clock, Data Pulse Width
100
ns
T2.22.2
Clock Pulse to Clock Pulse
Period
125
µs
T2.22.3
Clock Pulse to Data Pulse
Period
Data = 1
62
µs
T2.22.4
Burst Width
2
ms
T2.22.5
FLP Burst to FLP Burst Period
16
ms
T2.21.2
T2.21.1
Normal Link Pulse(s)
clock
pulse
data
pulse
clock
pulse
FLP Burst
FLP Burst
Fast Link Pulse(s)
T2.22.1
T2.22.1
T2.22.2
T2.22.3
T2.22.4
T2.22.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com