Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83849CVS/NOPB.A Datasheet(PDF) 73 Page - Texas Instruments

Part # DP83849CVS/NOPB.A
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB.A Datasheet(HTML) 73 Page - Texas Instruments

Back Button DP83849CVS/NOPB.A Datasheet HTML 69Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 70Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 71Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 72Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 73Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 74Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 75Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 76Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 100 page
background image
www.national.com
72
7.3.4 TDR Window Register (TDR_WIN), Page 2, address 17h
This register contains sample window control for the Time Domain Reflectometry (TDR) cable diagnostics. The two val-
ues contained in this register specify the beginning and end times for the window to monitor the response to the transmit-
ted pulse. Time values are in 8ns increments. This provides a method to search for multiple responses and also to
screen out the initial outgoing pulse.
7.3.5 TDR Peak Register (TDR_PEAK), Page 2, address 18h
This register contains the results of the TDR Peak Detection. Results are valid if the TDR_CTRL[11] is clear following
sending the TDR pulse.
7.3.6 TDR Threshold Register (TDR_THR), Page 2, address 19h
This register contains the results of the TDR Threshold Detection. Results are valid if the TDR_CTRL[11] is clear follow-
ing sending the TDR pulse
.
Table 46. TDR Window Register (TDR_WIN), address 17h
Bit
Bit Name
Default
Description
15:8
TDR_START
0, RW
TDR Start Window:
Specifies start time for monitoring TDR response.
7:0
TDR_STOP
0xFF, RW
TDR Stop Window:
Specifies stop time for monitoring TDR response. The Stop Win-
dow should be set to a value greater than or equal to the Start Win-
dow.
Table 47. TDR Peak Register (TDR_PEAK), address 18h
Bit
Bit Name
Default
Description
15:14
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
13:8
TDR_PEAK
0, RO
TDR Peak Value:
This register contains the peak value measured during the TDR
sample window. If Min Mode control (TDR_CTRL[7]) is 0, this con-
tains the maximum detected value. If Min Mode control is 1, this
contains the minimum detected value.
7:0
TDR_PEAK_TIME
0, RO
TDR Peak Time:
Specifies the time for the first occurrence of the peak value.
Table 48. TDR Threshold Register (TDR_THR), address 19h
Bit
Bit Name
Default
Description
15:9
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
8
TDR_THR_MET
0, RO
TDR Threshold Met:
This bit indicates the TDR threshold was met during the sample
window. A value of 0 indicates the threshold was not met.
7:0
TDR_THR_TIME
0, RO
TDR Threshold Time:
Specifies the time for the first data that met the TDR threshold.
This field is only valid if the threshold was met.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com