Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83849CVS/NOPB.A Datasheet(PDF) 49 Page - Texas Instruments

Part # DP83849CVS/NOPB.A
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB.A Datasheet(HTML) 49 Page - Texas Instruments

Back Button DP83849CVS/NOPB.A Datasheet HTML 45Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 46Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 47Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 48Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 49Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 50Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 51Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 52Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 100 page
background image
www.national.com
48
7.1.1 Basic Mode Control Register (BMCR)
Table 20. Basic Mode Control Register (BMCR), address 00h
Bit
Bit Name
Default
Description
15
RESET
0, RW/SC
Reset:
1 = Initiate software Reset / Reset in Process.
0 = Normal operation.
This bit, which is self-clearing, returns a value of one until the reset
process is complete. The configuration is re-strapped.
14
LOOPBACK
0, RW
Loopback:
1 = Loopback enabled.
0 = Normal operation.
The loopback function enables MII transmit data to be routed to the MII
receive data path.
Setting this bit may cause the descrambler to lose synchronization and
produce a 500
µs “dead time” before any valid data will appear at the
MII receive outputs.
13
SPEED SELEC-
TION
Strap, RW
Speed Select:
When auto-negotiation is disabled writing to this bit allows the port
speed to be selected.
1 = 100 Mb/s.
0 = 10 Mb/s.
12
AUTO-NEGOTI-
ATION
ENABLE
Strap, RW
Auto-Negotiation Enable:
Strap controls initial value at reset.
1 = Auto-Negotiation Enabled - bits 8 and 13 of this register are ig-
nored when this bit is set.
0 = Auto-Negotiation Disabled - bits 8 and 13 determine the port speed
and duplex mode.
11
POWER DOWN
0, RW
Power Down:
1 = Power down.
0 = Normal operation.
Setting this bit powers down the PHY. Only the register block is en-
abled during a power down condition. This bit is OR’d with the input
from the PWRDOWN_INT pin. When the active low PWRDOWN_INT
pin is asserted, this bit will be set.
10
ISOLATE
0, RW
Isolate:
1 = Isolates the Port from the MII with the exception of the serial man-
agement.
0 = Normal operation.
9
RESTART
AUTO-NEGOTI-
ATION
0, RW/SC
Restart Auto-Negotiation:
1 = Restart Auto-Negotiation. Re-initiates the Auto-Negotiation pro-
cess. If Auto-Negotiation is disabled (bit 12 = 0), this bit is ignored. This
bit is self-clearing and will return a value of 1 until Auto-Negotiation is
initiated, whereupon it will self-clear. Operation of the Auto-Negotiation
process is not affected by the management entity clearing this bit.
0 = Normal operation.
8
DUPLEX MODE
Strap, RW
Duplex Mode:
When auto-negotiation is disabled writing to this bit allows the port Du-
plex capability to be selected.
1 = Full Duplex operation.
0 = Half Duplex operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com