Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83849CVS/NOPB.A Datasheet(PDF) 44 Page - Texas Instruments

Part # DP83849CVS/NOPB.A
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB.A Datasheet(HTML) 44 Page - Texas Instruments

Back Button DP83849CVS/NOPB.A Datasheet HTML 40Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 41Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 42Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 43Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 44Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 45Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 46Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 47Page - Texas Instruments DP83849CVS/NOPB.A Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 100 page
background image
43
www.national.com
7.0 Register Block
Table 18. Register Map
Offset
Access
Tag
Description
Hex
Decimal
00h
0
RW
BMCR
Basic Mode Control Register
01h
1
RO
BMSR
Basic Mode Status Register
02h
2
RO
PHYIDR1
PHY Identifier Register #1
03h
3
RO
PHYIDR2
PHY Identifier Register #2
04h
4
RW
ANAR
Auto-Negotiation Advertisement Register
05h
5
RW
ANLPAR
Auto-Negotiation Link Partner Ability Register (Base Page)
05h
5
RW
ANLPARNP
Auto-Negotiation Link Partner Ability Register (Next Page)
06h
6
RW
ANER
Auto-Negotiation Expansion Register
07h
7
RW
ANNPTR
Auto-Negotiation Next Page TX
08h-Fh
8-15
RESERVED
RESERVED
10h
16
RO
PHYSTS
PHY Status Register
11h
17
RW
MICR
MII Interrupt Control Register
12h
18
RW
MISR
MII Interrupt Status Register
13h
19
RW
PAGESEL
Page Select Register
Extended Registers - Page 0
14h
20
RO
FCSCR
False Carrier Sense Counter Register
15h
21
RO
RECR
Receive Error Counter Register
16h
22
RW
PCSR
PCS Sub-Layer Configuration and Status Register
17h
23
RW
RBR
RMII and Bypass Register
18h
24
RW
LEDCR
LED Direct Control Register
19h
25
RW
PHYCR
PHY Control Register
1Ah
26
RW
10BTSCR
10Base-T Status/Control Register
1Bh
27
RW
CDCTRL1
CD Test Control Register and BIST Extensions Register
1Ch
28
RW
PHYCR2
Phy Control Register 2
1Dh
29
RW
EDCR
Energy Detect Control Register
1Eh-1Fh
30-31
RESERVED
RESERVED
Reserved Registers
14h-1Fh
20-31
RESERVED
RESERVED
Link Diagnostics Registers - Page 2
14h
20
RO
LEN100_DET 100Mb Length Detect Register
15h
21
RW
FREQ100
100Mb Frequency Offset Indication Register
16h
22
RW
TDR_CTRL
TDR Control Register
17h
23
RW
TDR_WIN
TDR Window Register
18h
24
RO
TDR_PEAK
TDR Peak Measurement Register
19h
25
RO
TDR_THR
TDR Threshold Measurement Register
1Ah
26
RW
VAR_CTRL
Variance Control Register
1Bh
27
RO
VAR_DAT
Variance Data Register
1Ch
28
RESERVED
RESERVED
1Dh
29
RW
LQMR
Link Quality Monitor Register
1Eh
30
RW
LQDR
Link Quality Data Register
1Fh
31
RESERVED
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com