Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7641FC Datasheet(PDF) 2 Page - Texas Instruments

Part # ISO7641FC
Description  ISO76x1 Low-Power Triple and Quad-Channels Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7641FC Datasheet(HTML) 2 Page - Texas Instruments

  ISO7641FC Datasheet HTML 1Page - Texas Instruments ISO7641FC Datasheet HTML 2Page - Texas Instruments ISO7641FC Datasheet HTML 3Page - Texas Instruments ISO7641FC Datasheet HTML 4Page - Texas Instruments ISO7641FC Datasheet HTML 5Page - Texas Instruments ISO7641FC Datasheet HTML 6Page - Texas Instruments ISO7641FC Datasheet HTML 7Page - Texas Instruments ISO7641FC Datasheet HTML 8Page - Texas Instruments ISO7641FC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
ISO7631FM, ISO7631FC, ISO7641FC
SLLSEC3F – SEPTEMBER 2012 – REVISED APRIL 2016
www.ti.com
Product Folder Links: ISO7631FM ISO7631FC ISO7641FC
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Available Options................................................... 4
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ...................................... 5
7.2
ESD Ratings.............................................................. 5
7.3
Recommended Operating Conditions ....................... 5
7.4
Thermal Information ................................................. 6
7.5
Electrical Characteristics: VCC1 and VCC2 at 5 V ±
10% ............................................................................ 6
7.6
Electrical Characteristics: VCC1 at 5 V ± 10% and
VCC2 at 3.3 V ± 10% .................................................. 6
7.7
Electrical Characteristics: VCC1 at 3.3 V ± 10% and
VCC2 at 5 V ± 10% ..................................................... 7
7.8
Electrical Characteristics: VCC1 and VCC2 at 3.3 V ±
10% ............................................................................ 7
7.9
Electrical Characteristics: VCC1 and VCC2 at 2.7 V
(ISO7631FM Only) ..................................................... 7
7.10
Power Dissipation Characteristics .......................... 7
7.11
Supply Current Characteristics: VCC1 and VCC2 at 5
V ± 10% ..................................................................... 8
7.12
Supply Current Characteristics: VCC1 at 5 V ± 10%
and VCC2 at 3.3 V ± 10% ........................................... 9
7.13
Supply Current Characteristics: VCC1 at 3.3 V ± 10%
and VCC2 at 5 V ± 10% .............................................. 9
7.14
Supply Current Characteristics: VCC1 and VCC2 at
3.3 V ± 10% ............................................................. 10
7.15
Supply Current Characteristics: VCC1 and VCC2 at
2.7 V (ISO7631FM Only) ........................................ 10
7.16
Switching Characteristics: VCC1 and VCC2 at 5 V ±
10% .......................................................................... 11
7.17
Switching Characteristics: VCC1 at 5 V ± 10% and
VCC2 at 3.3 V ± 10% ................................................ 11
7.18
Switching Characteristics: VCC1 at 3.3 V ± 10% and
VCC2 at 5 V ± 10% ................................................... 12
7.19
Switching Characteristics: VCC1 and VCC2 at 3.3 V ±
10% .......................................................................... 12
7.20
Switching Characteristics: VCC1 and VCC2 at 2.7 V
................................................................................. 13
7.21
Typical Characteristics .......................................... 14
8
Parameter Measurement Information ................ 17
9
Detailed Description ............................................ 19
9.1
Overview ................................................................. 19
9.2
Functional Block Diagram ....................................... 19
9.3
Feature Description................................................. 20
9.4
Device Functional Modes........................................ 23
10
Application and Implementation........................ 24
10.1
Application Information.......................................... 24
10.2
Typical Application ............................................... 24
11
Power Supply Recommendations ..................... 27
12
Layout................................................................... 27
12.1
Layout Guidelines ................................................. 27
12.2
Layout Example .................................................... 27
13
Device and Documentation Support ................. 28
13.1
Documentation Support ........................................ 28
13.2
Related Links ........................................................ 28
13.3
Community Resources.......................................... 28
13.4
Trademarks ........................................................... 28
13.5
Electrostatic Discharge Caution ............................ 28
13.6
Glossary ................................................................ 28
14
Mechanical, Packaging, and Orderable
Information ........................................................... 28
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (August 2015) to Revision F
Page
•
Changed the ISO7631 pin image in the Pin Configuration and Functions section ............................................................... 4
Changes from Revision D (September 2013) to Revision E
Page
•
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section. ............................. 1
•
Added 2.7-V (M-Grade), 3.3-V and 5-V Level Translation to Features section ..................................................................... 1
•
Deleted marked as column from Available Options table....................................................................................................... 4
•
Added Footnote 3 to Absolute Maximum Ratings table. ........................................................................................................ 5
•
Changed thermal metric values in the Thermal Information table. ........................................................................................ 6
•
Changed VCCX to VCCOin Electrical Characteristics: VCC1 and VCC2 at 5 V ± 10% table. ........................................................ 6
•
Added cross-reference to VI = VCCI in the Electrical Characteristics: VCC1 and VCC2 at 5 V ± 10% table. ....................... 6
•
Changed Footnote 1 of the Electrical Characteristics: VCC1 and VCC2 at 5 V ± 10% table for clarification. ..................... 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com