Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7641FC Datasheet(PDF) 3 Page - Texas Instruments

Part # ISO7641FC
Description  ISO76x1 Low-Power Triple and Quad-Channels Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7641FC Datasheet(HTML) 3 Page - Texas Instruments

  ISO7641FC Datasheet HTML 1Page - Texas Instruments ISO7641FC Datasheet HTML 2Page - Texas Instruments ISO7641FC Datasheet HTML 3Page - Texas Instruments ISO7641FC Datasheet HTML 4Page - Texas Instruments ISO7641FC Datasheet HTML 5Page - Texas Instruments ISO7641FC Datasheet HTML 6Page - Texas Instruments ISO7641FC Datasheet HTML 7Page - Texas Instruments ISO7641FC Datasheet HTML 8Page - Texas Instruments ISO7641FC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
3
ISO7631FM, ISO7631FC, ISO7641FC
www.ti.com
SLLSEC3F – SEPTEMBER 2012 – REVISED APRIL 2016
Product Folder Links: ISO7631FM ISO7631FC ISO7641FC
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
•
Added cross-reference to VI = VCCI in the Electrical Characteristics: VCC1 at 5 V ± 10% and VCC2 at 3.3 V ± 10%
table. ....................................................................................................................................................................................... 6
•
Added footnote to the Electrical Characteristics: VCC1 at 3.3 V ± 10% and VCC2 at 5 V ± 10% table. .............................. 7
•
Changed VCCX to VCCO in the Electrical Characteristics: VCC1 and VCC2 at 3.3 V ± 10% table. ........................................ 7
•
Changed footnote 1 in the Electrical Characteristics: VCC1 and VCC2 at 3.3 V ± 10% table for clarification. ..................... 7
•
Changed VCCX to VCCO in the Electrical Characteristics: VCC1 and VCC2 at 2.7 V table. ................................................... 7
•
Deleted IEC and for DW-16 Package from IEC Package Insulation and Safety-Related Specifications for DW-16
Package section. .................................................................................................................................................................. 20
•
Changed L(I01) MIN from 8.3 mm to 8 mm, L(IO2) MIN from 8.1 mm to 8 mm, and DIN IEC 60112 / VDE 0303 Part
1 to DIN EN 60112 (VDE 0303-11); IEC 60112 in the Package Insulation and Safety-Related Specifications table. ....... 20
•
Deleted footnote 2 from Package Insulation and Safety-Related Specifications IEC and for DW-16 Package from
IEC Package Insulation and Safety-Related Specifications for DW-16 Package section.. .................................................. 20
•
Changed VDE Standard to DIN V VDE V 0884-10 (VDE V 0084-10): 2006-12. ................................................................ 21
•
Changed the value for
θJA from 72 °C/W to 77.5 °C/W for the Test Conditions and the values for Safety input,
output, or supply current max from 316, 482, and 643 to 293, 448 and 597 in the Safety Limiting Values table. ............. 22
•
Changed safety temperature to case temperature in Safety Limiting Values. ..................................................................... 22
•
Changed name of DW-16 θJC Thermal Derating Curve per IEC 64747-5-2 to Thermal Derating Curve for Safety
Limiting Current per VDE...................................................................................................................................................... 22
•
Changed Figure 22 in the Safety Limiting Values section. .................................................................................................. 22
•
Changed I/O schematics figure in Feature Description section. ......................................................................................... 23
Changes from Revision C (August 2013) to Revision D
Page
•
Deleted 2500 VRMS from Rated Isolation Data ....................................................................................................................... 4
•
Changed the Table 3, TUV column From: Certificate Number: U8V 13 07 77311 009 To: Certificate Number: U8V
13 09 77311 010................................................................................................................................................................... 21
Changes from Revision B (April 2013) to Revision C
Page
•
Changed the Description ........................................................................................................................................................ 1
•
Deleted ISO7640FC from the Available Options table ........................................................................................................... 4
•
Changed The ISO7631FC Rated Isolation values in the Available Options table ................................................................. 4
•
Deleted Graph ISO7640FC Supply Current Per Channel vs Data Rate .............................................................................. 14
•
Deleted Graph ISO7640FC Supply Current For All Channels vs Data Rate ....................................................................... 14
•
Added the TUV column to Table 3 ....................................................................................................................................... 21
•
Deleted ISO7640FC from the TYPICAL SUPPLY CURRENT EQUATIONS section .......................................................... 25
•
Deleted the ISO7640 circuit from the APPLICATION INFORMATION section.................................................................... 27
Changes from Revision A (September 2012) to Revision B
Page
•
Changed the VIOTM SPECIFICATION From: 4000 VPEAK to 4242 VPEAK............................................................................... 21
•
Changed Table 3: 4242 VPK To: 4000 VPK .......................................................................................................................... 21
Changes from Original (September 2012) to Revision A
Page
•
Changed Description text From: "applications where input noise pulses of less than 10 ns duration..."
To:"applications where input noise pulses of less than 6 ns duration..."................................................................................ 1
•
Added note Product Preview to ISO7640FC in the Available Options table .......................................................................... 4
•
Changed Input PU in the Function table From: Z To: 'Undetermined .................................................................................. 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com