Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7641FC Datasheet(PDF) 4 Page - Texas Instruments

Part # ISO7641FC
Description  ISO76x1 Low-Power Triple and Quad-Channels Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7641FC Datasheet(HTML) 4 Page - Texas Instruments

  ISO7641FC Datasheet HTML 1Page - Texas Instruments ISO7641FC Datasheet HTML 2Page - Texas Instruments ISO7641FC Datasheet HTML 3Page - Texas Instruments ISO7641FC Datasheet HTML 4Page - Texas Instruments ISO7641FC Datasheet HTML 5Page - Texas Instruments ISO7641FC Datasheet HTML 6Page - Texas Instruments ISO7641FC Datasheet HTML 7Page - Texas Instruments ISO7641FC Datasheet HTML 8Page - Texas Instruments ISO7641FC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
EN1
INA
GND1
INB
OUTC
NC
GND1
V
CC1
GND2
GND2
OUTA
INC
OUTB
EN2
NC
V
CC2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
EN1
INA
GND1
INB
INC
OUTD
GND1
V
CC1
GND2
GND2
OUTA
OUTC
OUTB
EN2
IND
V
CC2
4
ISO7631FM, ISO7631FC, ISO7641FC
SLLSEC3F – SEPTEMBER 2012 – REVISED APRIL 2016
www.ti.com
Product Folder Links: ISO7631FM ISO7631FC ISO7641FC
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
See the Table 3 table for detailed isolation ratings.
5 Available Options
PRODUCT
RATED ISOLATION(1)
PACKAGE
INPUT
THRESHOLD
DATA RATE
INTEGRATED NOISE
FILTER
CHANNEL
DIRECTION
ISO631FM
4242 VPK
DW-16
~1.5 V TTL
150 Mbps
No
2 Forward,
1 Reverse
ISO7631FC
4242 VPK
DW-16
~1.5 V TTL
25 Mbps
Yes
2 Forward,
1 Reverse
ISO7641FC
4242 VPK
DW-16
~1.5 V TTL
25 Mbps
Yes
3 Forward,
1 Reverse
6 Pin Configuration and Functions
ISO7641 DW Package
16-Pin SOIC
Top View
ISO7631 DW Package
16-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
ISO7641
ISO7631
EN1
7
7
I
Enables (when input is High or Open) or Disables (when input is Low) OUTD of ISO7641 and
OUTC of ISO7631
EN2
10
10
I
Enables (when input is High or Open) or Disables (when input is Low) OUTA, OUTB, and
OUTC of ISO7641
Enables (when input is High or Open) or Disables (when input is Low) OUTA and OUTB of
ISO7631
GND1
2, 8
2, 8
–
Ground connection for VCC1
GND2
9, 15
9, 15
–
Ground connection for VCC2
INA
3
3
I
Input, channel A
INB
4
4
I
Input, channel B
INC
5
12
I
Input, channel C
IND
11
–
I
Input, channel D
NC
–
6,11
–
No Connect pins are floating with no internal connection
OUTA
14
14
O
Output, channel A
OUTB
13
13
O
Output, channel B
OUTC
12
5
O
Output, channel C
OUTD
6
–
O
Output, channel D
VCC1
1
1
–
Power supply, VCC1
VCC2
16
16
–
Power supply, VCC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com