Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7641FC Datasheet(PDF) 1 Page - Texas Instruments

Part # ISO7641FC
Description  ISO76x1 Low-Power Triple and Quad-Channels Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7641FC Datasheet(HTML) 1 Page - Texas Instruments

  ISO7641FC Datasheet HTML 1Page - Texas Instruments ISO7641FC Datasheet HTML 2Page - Texas Instruments ISO7641FC Datasheet HTML 3Page - Texas Instruments ISO7641FC Datasheet HTML 4Page - Texas Instruments ISO7641FC Datasheet HTML 5Page - Texas Instruments ISO7641FC Datasheet HTML 6Page - Texas Instruments ISO7641FC Datasheet HTML 7Page - Texas Instruments ISO7641FC Datasheet HTML 8Page - Texas Instruments ISO7641FC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
OUTx
GNDO
GNDI
INx
VCCO
VCCI
Isolation
Capacitor
ENx
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
ISO7631FM, ISO7631FC, ISO7641FC
SLLSEC3F – SEPTEMBER 2012 – REVISED APRIL 2016
ISO76x1 Low-Power Triple and Quad-Channels Digital Isolators
1
1 Features
1
•
Signaling Rate: 150 Mbps (M-Grade), 25 Mbps
(C-Grade)
•
Robust Design with Integrated Noise Filter
(C-Grade)
•
Low Power Consumption, Typical ICC per Channel
(3.3-V Supplies):
–
ISO7631FM: 2 mA at 10 Mbps
–
ISO7631FC: 1.5 mA at 10 Mbps
–
ISO7641FC: 1.3 mA at 10 Mbps
•
Extremely-Low ICC_disable (C-Grade)
•
Low Propagation Delay: 7 ns Typical (M-Grade)
•
Output Defaults to Low-State in Fail-Safe Mode
•
Wide Temperature Range: –40°C to 125°C
•
50 KV/µs Transient Immunity, Typical
•
Long Life With SiO2 Isolation Barrier
•
Operates From 2.7-V (M-Grade), 3.3-V and 5-V
Supply and Logic Levels
•
2.7-V (M-Grade), 3.3-V and 5-V Level Translation
•
Wide Body SOIC-16 Package
•
Safety and Regulatory Approvals
–
2500 VRMS Isolation for 1 Minute per UL 1577
–
4242 VPK Basic Insulation per DIN V VDE V
0884-10 and DIN EN 61010-1
–
CSA Component Acceptance Notice 5A, IEC
60950-1 and IEC 61010-1 End Equipment
Standards
–
CQC Certification per GB4943.1-2011
–
TUV 3000 VRMS Reinforced Insulation
according to EN/UL/CSA 60950-1 and
EN/UL/CSA 61010-1
2 Applications
•
Optocoupler Replacement in:
–
Industrial Fieldbus
–
Profibus
–
Modbus
–
DeviceNet™ Data Buses
–
Servo Control Interface
–
Motor Control
–
Power Supplies
–
Battery Packs
3 Description
The
ISO7631F
and
ISO7641F
devices
provide
galvanic isolation up to 4242 VPK per VDE. The
ISO7631F device has three channels, two of which
operate in the forward direction and one which
operates in the reverse direction. The ISO7641F
device has 4 channels, three of which operate in the
forward direction and one of which operates in the
reverse direction. Suffix F indicates that output
defaults to low-state in fail-safe conditions (see ). M-
Grade devices are high-speed isolators capable of up
to150-Mbps data rates with fast propagation delays,
whereas C-Grade devices are capable of up to 25-
Mbps data rates with low power consumption and
integrated filters for noise-prone applications. C-
Grade devices are recommended for lower-speed
applications where input noise pulses of less than 6
ns duration must be suppressed, or when low-power
consumption is critical.
Each isolation channel has a logic input and output
buffer separated by a silicon dioxide (SiO2) insulation
barrier. Used in conjunction with isolated power
supplies, these devices prevent noise currents on a
data bus or other circuits from entering the local
ground and interfering with or damaging sensitive
circuitry. The devices have TTL input thresholds and
can operate from 2.7-V (M-Grade), 3.3-V and 5-V
supplies. All inputs are 5-V tolerant when supplied
from 3.3-V or 2.7-V supplies.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ISO7631FM
SOIC (16)
10.30 mm × 7.50 mm
ISO7631FC
ISO7641FC
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
(1)
VCCI and GNDI are supply and ground
connections
respectively
for
the
input
channels.
(2)
VCCO and GNDO are supply and ground
connections respectively for the output
channels.


Similar Part No. - ISO7641FC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7641FC TI-ISO7641FC Datasheet
1Mb / 31P
Low Power Triple and Quad Channels Digital Isolators
ISO7641FCDW TI-ISO7641FCDW Datasheet
1Mb / 31P
Low Power Triple and Quad Channels Digital Isolators
ISO7641FCDW TI1-ISO7641FCDW Datasheet
1Mb / 35P
Low-Power Triple and Quad-Channels Digital Isolators
ISO7641FCDWR TI-ISO7641FCDWR Datasheet
1Mb / 31P
Low Power Triple and Quad Channels Digital Isolators
ISO7641FCDWR TI1-ISO7641FCDWR Datasheet
1Mb / 35P
Low-Power Triple and Quad-Channels Digital Isolators
More results

Similar Description - ISO7641FC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7640FM TI1-ISO7640FM Datasheet
956Kb / 29P
Low Power Quad Channels Digital Isolators
ISO7631FM TI-ISO7631FM Datasheet
1Mb / 31P
Low Power Triple and Quad Channels Digital Isolators
ISO7131CC TI1-ISO7131CC Datasheet
546Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7140FCC TI1-ISO7140FCC Datasheet
488Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7131CCDBQ TI1-ISO7131CCDBQ Datasheet
415Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7140CCDBQ TI-ISO7140CCDBQ Datasheet
415Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7141FCCDBQR TI-ISO7141FCCDBQR Datasheet
415Kb / 22P
4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
logo
Silicon Laboratories
SI8630 SILABS-SI8630 Datasheet
750Kb / 36P
Low-Power Triple-Channel Digital Isolators
logo
Texas Instruments
ISO7631FM TI1-ISO7631FM_15 Datasheet
1Mb / 35P
Low-Power Triple and Quad-Channels Digital Isolators
logo
Skyworks Solutions Inc.
SI8630 SKYWORKS-SI8630 Datasheet
1,017Kb / 38P
Low-Power Triple-Channel Digital Isolators
Revision 1.82 March 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com