Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7641FC Datasheet(PDF) 26 Page - Texas Instruments

Part # ISO7641FC
Description  ISO76x1 Low-Power Triple and Quad-Channels Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7641FC Datasheet(HTML) 26 Page - Texas Instruments

Back Button ISO7641FC Datasheet HTML 22Page - Texas Instruments ISO7641FC Datasheet HTML 23Page - Texas Instruments ISO7641FC Datasheet HTML 24Page - Texas Instruments ISO7641FC Datasheet HTML 25Page - Texas Instruments ISO7641FC Datasheet HTML 26Page - Texas Instruments ISO7641FC Datasheet HTML 27Page - Texas Instruments ISO7641FC Datasheet HTML 28Page - Texas Instruments ISO7641FC Datasheet HTML 29Page - Texas Instruments ISO7641FC Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
TA = 25
oC, C
L = 15 pF
VCC1 = V CC2 = 5 V
Pattern: NRZ 2
16-1
TA = 25
oC, C
L = 15 pF
VCC1 = V CC2 = 3.3 V
Pattern: NRZ 2
16-1
TA = 25
oC, C
L = 15 pF
VCC1 = V CC2 = 5 V
Pattern: NRZ 2
16-1
TA = 25
oC, C
L = 15 pF
VCC1 = V CC2 = 3.3 V
Pattern: NRZ 2
16-1
26
ISO7631FM, ISO7631FC, ISO7641FC
SLLSEC3F – SEPTEMBER 2012 – REVISED APRIL 2016
www.ti.com
Product Folder Links: ISO7631FM ISO7631FC ISO7641FC
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Typical Application (continued)
(Calculated based on room temperature and typical Silicon process)
ICC2 = 1.8054 + 0.0411 × f + 0.005 × f × CL
(10)
At VCC1 = VCC2 = 5 V
ICC1 = 1.6583 + 0.0757 × f + 0.0025 × f × CL
(11)
ICC2 = 2.5008 + 0.0655 × f + 0.0076 × f × CL
(12)
ICC1 and ICC2 are typical supply currents measured in mA; f is data rate measured in Mbps; CL is the capacitive
load on each channel measured in pF.
10.2.3 Application Curves
Figure 26. M-Grade Typical Eye Diagram at 150 Mbps,
5 V Operation
Figure 27. M-Grade Typical Eye Diagram at 150 Mbps,
3.3 V Operation
Figure 28. C-Grade Typical Eye Diagram at 25 Mbps, 5 V
Operation
Figure 29. C-Grade Typical Eye Diagram at 25 Mbps, 3.3 V
Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com