Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7641FC Datasheet(PDF) 21 Page - Texas Instruments

Part # ISO7641FC
Description  ISO76x1 Low-Power Triple and Quad-Channels Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7641FC Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO7641FC Datasheet HTML 17Page - Texas Instruments ISO7641FC Datasheet HTML 18Page - Texas Instruments ISO7641FC Datasheet HTML 19Page - Texas Instruments ISO7641FC Datasheet HTML 20Page - Texas Instruments ISO7641FC Datasheet HTML 21Page - Texas Instruments ISO7641FC Datasheet HTML 22Page - Texas Instruments ISO7641FC Datasheet HTML 23Page - Texas Instruments ISO7641FC Datasheet HTML 24Page - Texas Instruments ISO7641FC Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
21
ISO7631FM, ISO7631FC, ISO7641FC
www.ti.com
SLLSEC3F – SEPTEMBER 2012 – REVISED APRIL 2016
Product Folder Links: ISO7631FM ISO7631FC ISO7641FC
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
Climatic Classification 40/125/21
(2)
All pins on each side of the barrier tied together creating a two-terminal device.
Table 1. DIN V VDE V 0884-10 (VDE V 0884-10):2006-12 Insulation Characteristics(1)
PARAMETER
TEST CONDITIONS
SPECIFICATION
UNIT
VIORM
Maximum working insulation voltage
1414
VPEAK
VPR
Input-to-output test voltage
After Input/Output safety test subgroup 2/3,
VPR = VIORM x 1.2, t = 10 s,
Partial discharge < 5 pC
1697
VPEAK
Method a, After environmental tests subgroup 1,
VPR = VIORM x 1.6, t = 10 s,
Partial Discharge < 5 pC
2262
Method b1, 100% Production test
VPR = VIORM x 1.875, t = 1 s
Partial discharge < 5 pC
2652
VIOTM
Maximum transient overvoltage
VTEST = VIOTM
t = 60 sec (Qualification)
t = 1 sec (100% Production)
4242
VPEAK
RIO
(2)
Isolation resistance, Input to Output
VIO = 500 V, TA = 25°C
>1012
Ω
VIO = 500 V, 100°C ≤ TA ≤ 125°C
>1011
VIO = 500 V at TS = 150°C
>109
CIO
(2)
Barrier capacitance, Input to Output
VI = 0.4 sin (2πft), f = 1MHz
2
pF
Pollution degree
2
Table 2. IEC 60664-1 Ratings Table
PARAMETER
TEST CONDITIONS
SPECIFICATION
Material Group
II
Installation classification / Overvoltage
category for basic insulation
Rated mains voltage
≤ 300 VRMS
I–IV
Rated mains voltage
≤ 600 VRMS
I–III
Rated mains voltage
≤ 1000 VRMS
I–II
(1)
Production tested
≥ 3000 VRMS for 1 second in accordance with UL 1577.
Table 3. Regulatory Information
VDE
TUV
CSA
UL
CQC
Certified according to
DIN V VDE V 0884-10
(VDE V 0884-10):2006-
12 and DIN EN 61010-
1 (VDE 0411-1):2011-
07
Certified according to
EN/UL/CSA 60950-1 and 61010-
1
Approved under CSA
Component Acceptance Notice
5A, IEC 60950-1 and IEC
61010-1
Recognized under 1577
Component Recognition
Program
Certified according to
GB4943.1-2011
Basic Insulation
Maximum Transient
Overvoltage, 4242 VPK
Maximum Working
Voltage, 1414 VPK
3000 VRMS Reinforced Insulation,
400 VRMS maximum working
voltage
3000 VRMS Basic Insulation, 600
VRMS maximum working voltage
3000 VRMS Isolation Rating
Single Protection, 2500
VRMS
(1)
Reinforced Insulation, Altitude
≤
5000 m, Tropical Climate, 250
VRMS Maximum Working
Voltage
Certificate number:
40016131
Certificate number:
U8V 13 09 77311 010
Master contract number:
220991
File number: E181974
Certificate number:
CQC14001109542



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com