Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6584MA/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM6584MA/NOPB
Description  LM6584 TFT-LCD Quad, 13V RRIO High Output Current Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM6584MA/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM6584MA/NOPB Datasheet HTML 10Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 11Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 12Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 13Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 14Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 15Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 16Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 17Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
VCOM DRIVER
+
-
COLUMN DRIVERS
CSTRAY
CSTRAY
CSTRAY
VCOM
VCOM
VCOM
APPROX
VDD/2
PIXEL
TFT-LCD PANEL
PIXEL
PIXEL
VCOM
POLARIZER
BOTTOM ITO
PLATE
TOP ITO
PLATE
POLARIZER
TRANSMITTED LIGHT
LIGHT SOURCE
GLASS
SUBSTRATE
LIQUID CRYSTAL
MATERIAL
GLASS
SUBSTRATE
VPIXEL
± POLARITY
LM6584
SNOSA44C – MAY 2003 – REVISED MARCH 2013
www.ti.com
The LM6584 meets these requirements. It has a rail-to-rail input and output, typical gain bandwidth and slew rate
of 15MHz and 15V/
μs, and it can supply up to 320mA of output current. The following sections will describe the
operation of VCOM Drivers, Gamma Buffers, and Panel Repair Buffers, showing how the LM6584 is well suited for
each of these functions.
BRIEF OVERVIEW OF TFT DISPLAY
To better understand these op amp applications, let’s first review a few basic concepts of how a TFT display
operates. Figure 26 is a simplified illustration of an LCD pixel. The top and bottom plates of each pixel consist of
Indium-Tin oxide (ITO), which is a transparent, electrically conductive material. ITO lies on the inner surfaces of
two glass substrates that are the front and back glass panels of a TFT display. Sandwiched between the two ITO
plates is an insulating material (liquid crystal) that alters the polarization of light to a lesser a greater amount,
depending on how much voltage (VPIXEL) is applied across the two plates. Polarizers are placed on the outer
surfaces of the two glass substrates, which in combination with the liquid crystal create a variable light filter that
modulates light transmitted from the back to the front of a display. A pixel’s bottom plate lies on the backside of a
display where a light source is applied, and the top plate lies on the front, facing the viewer. On a Twisted
Neumatic (TN) display, which is typical of most TFT displays, a pixel transmits the greatest amount of light when
VPIXEL is less ±0.5V, and it becomes less transparent as this voltage increases with either a positive or negative
polarity. In short, an LCD pixel can be thought of as a capacitor, through which, a controlled amount of light is
transmitted by varying VPIXEL.
Figure 26. Individual LCD Pixel
Figure 27. TFT Display
14
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM6584



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com