Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6584MA/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LM6584MA/NOPB
Description  LM6584 TFT-LCD Quad, 13V RRIO High Output Current Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM6584MA/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM6584MA/NOPB Datasheet HTML 5Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 6Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 7Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 8Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 9Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 10Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 11Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 12Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
10
1k
1M
10M
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
100
1000
AV = +1
-7
-3
-1
1
3
5
7
COMMON MODE VOLTAGE (V)
2
3.5
4
-5
85°C
-40°C
VS = ±5V
3
2.5
25°C
50mV/DIV
100ns/DIV
VS = 12V
VO = 100mVPP
AV = +1, RL = 2k:
50mV/DIV
100ns/DIV
VS = 12V
VO = 100mVPP
AV = -1, RL = 2k:
-5
-4
-3
-2
-1
0
1
2
3
4
5
1
10
100
1k
10k
100k
1M
VOUT (V)
UNSTABLE
25% OVERSHOOT
1V/DIV
100ns/DIV
VS = 12V
VO = 2VPP
AV = -1, RL = 2k:
LM6584
www.ti.com
SNOSA44C – MAY 2003 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, all limits ensured for TJ = 25°C, VCM = 1/2VS and RL = 2kΩ.
Stability vs. Capacitive Load Unity Gain, VS = 13V
Large Signal Step Response
Figure 15.
Figure 16.
Small Signal Step Response
Small Signal Step Response
Figure 17.
Figure 18.
Closed Loop Output Impedance vs. Frequency
ISUPPLY vs. Common Mode Voltage
Figure 19.
Figure 20.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM6584



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com