Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6584MA/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM6584MA/NOPB
Description  LM6584 TFT-LCD Quad, 13V RRIO High Output Current Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM6584MA/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM6584MA/NOPB Datasheet HTML 3Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 4Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 5Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 6Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 7Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 8Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 9Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 10Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
10
1k
100k
10M
FREQUENCY (Hz)
10
20
30
40
50
60
70
80
90
100
110
+PSRR
-PSRR
VS = 5V
10
1k
1M
10M
FREQUENCY (Hz)
10
20
30
40
50
60
70
80
90
100
110
+PSRR
-PSRR
VS = 13V
10k
100k
100M
FREQUENCY (Hz)
10M
1M
-20
20
60
100
80
40
0
90
70
50
30
10
-10
-20
20
60
100
80
40
0
90
70
50
30
10
-10
PHASE
GAIN
0pF
30pF
10pF
0pF
VS = 5V
10k
100k
100M
FREQUENCY (Hz)
10M
1M
-20
20
60
100
80
40
0
90
70
50
30
10
-10
-20
20
60
100
80
40
0
90
70
50
30
10
-10
PHASE
GAIN
0pF
30pF
10pF
0pF
VS = 13V
10k
100k
100M
FREQUENCY (Hz)
10M
1M
-20
20
60
100
80
40
0
90
70
50
30
10
-10
-20
20
60
100
80
40
0
90
70
50
30
10
-10
PHASE
GAIN
85°C
-40°C
25°C
85°C
-40°C
VS = 13V
10k
100k
100M
FREQUENCY (Hz)
10M
1M
-20
20
60
100
80
40
0
90
70
50
30
10
-10
-20
20
60
100
80
40
0
90
70
50
30
10
-10
GAIN
PHASE
85°C
-40°C
25°C
85°C
-40°C
VS = 5V
LM6584
www.ti.com
SNOSA44C – MAY 2003 – REVISED MARCH 2013
Typical Performance Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C, VCM = 1/2VS and RL = 2kΩ.
Gain Phase vs. Temperature
Gain Phase vs. Temperature
Figure 3.
Figure 4.
Gain Phase vs. Capacitive Loading
Gain Phase vs. Capacitive Loading
Figure 5.
Figure 6.
PSRR
PSRR
Figure 7.
Figure 8.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM6584



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com