Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6584MA/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LM6584MA/NOPB
Description  LM6584 TFT-LCD Quad, 13V RRIO High Output Current Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM6584MA/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM6584MA/NOPB Datasheet HTML 15Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 16Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 17Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 18Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 19Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 20Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 21Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 22Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
+
-
AMPLIFIER UNDER
TEST
+6.5V
-6.5V
RLOAD
1k:
50:
2V
0
0
-2V
OR
HP 8082
PULSE
GENERATOR
TEK 7633
STORAGE SCOPE
+
TEK 7S14
SAMPLING INPUT
VOUT
t
VF
0
TSR
TSET
TPD
LM6584
www.ti.com
SNOSA44C – MAY 2003 – REVISED MARCH 2013
Another important specification for Gamma Buffers is small signal bandwidth and slew rate. When column drivers
select which voltage levels are written to a row of pixels, their internal DACs inject current spikes into the Gamma
Lines. This generates voltage transients at the Gamma Buffer outputs, and they should settle-out in less than
1
μs to insure a steady output voltage from the column drivers. Typically, these transients have a maximum
amplitude of 2V, so a gamma buffer must have sufficient bandwidth and slew rate to recover from a 2V transient
in 1
μs or less.
Figure 35. Large Signal Transient Response of an Operational Amplifier
Figure 35 illustrates how an op amp responds to a large-signal transient. When such a transient occurs at t = 0,
the output does not start changing until TPD, which is the op amp’s propagation delay time (typically 20ns for the
LM6584). The output then changes at the op amp’s slew rate from t = TPD to TSR. From t = TSR to TSET, the
output settles to its final value (VF) at a speed determined by the op amp’s small-signal frequency response.
Although propagation delay and slew limited response time (t = 0 to TSR) can be calculated from data sheet
specifications, the small signal settling time (TSR to TSET) cannot. This is because an op amp’s gain vs. frequency
has multiple poles, and as a result, small-signal settling time can not be calculated as a simple function of the op
amp’s gain bandwidth. Therefore, the only accurate method for determining op amp settling time is to measure it
directly.
Figure 36. Gamma Buffer Settling Time Test Circuit
The test circuit in Figure 36 was used to measure LM6584 settling time for a 2V pulse and 1k
Ω load, which
represents the maximum transient amplitude and output load for a gamma buffer. With this test system, the
LM6584 settled to within ±30mV of 2V pulse in approximately 170ns. Settling time for a 0 to –2V pulse was
slightly less, 150ns. These values are much smaller than the desired response time of 1
μs, so the LM6584 has
sufficient bandwidth and slew rate for regulating gamma line transients.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM6584



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com