Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6584MA/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Part # LM6584MA/NOPB
Description  LM6584 TFT-LCD Quad, 13V RRIO High Output Current Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM6584MA/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM6584MA/NOPB Datasheet HTML 14Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 15Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 16Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 17Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 18Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 19Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 20Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 21Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
TFT-LCD PANEL
GAMMA
BUFFERS
VDD
+
-
+
-
+
-
+
-
COLUMN
DRIVERS
VGMA1
VGMA2
VGMA3
VGMA5
VGMA4
VGMA6
VGMA7
VGMA8
VGMA9
VGMA10
COLUMN
DRIVERS
VGMA1
VGMA3
VGMA5
VGMA2
VGMA4
CMOS
TRANSMISSION
GATES
RESISTIVE
DAC
HIGH POLARITY GAMMA
LEVEL INPUTS
COLUMN DRIVER
BUFFERS
VGMA6
VGMA8
VGMA10
VGMA7
VGMA9
CMOS TRANSMISSION
GATES
RESISTIVE
DAC
LOW POLARITY GAMMA LEVEL
INPUTS
COLUMN DRIVER
BUFFERS
LM6584
SNOSA44C – MAY 2003 – REVISED MARCH 2013
www.ti.com
Figure 33. Simplified Schematic of Column Driver IC
Figure 34 shows how column drivers in a TFT display are connected to the gamma levels. VGMA1, VGMA5,
VGMA6, and VGMA10 are driven by the Gamma Buffers. These buffers serve as low impedance voltage sources
that generate the display’s gamma levels. The Gamma Buffers’ outputs are set by a simple resistive ladder, as
shown in Figure 34. Note that VGMA2 to VGMA4 and VGMA7 to VGMA9 are usually connected to the column
drivers even though they are not driven by external buffers. Doing so, forces the gamma levels in all the column
drivers to be identical, minimizing grayscale mismatch between column drivers. Referring again to Figure 34, the
resistive load of a column driver DAC (i.e. resistance between GMA1 to GMA5) is typically 10k
Ω to 15kΩ. On a
typical display such as XGA, there can be up to 10 column drivers, so the total resistive load on a Gamma Buffer
output can be as low as 1k
Ω. The voltage between VGMA1 and VGMA5 can range from 3V to 6V, depending on
the type of TFT panel. Therefore, maximum load current supplied by a Gamma Buffer is approximately 6V/1k
Ω =
6mA, which is a relatively light load for most op amps. In many displays, VGMA1 can be less than 500mV below
VDD, and VGMA10 can be less than 500mV above ground. Under these conditions, an op amp used for the
Gamma Buffer must have rail-to-rail inputs and outputs, like the LM6584.
Figure 34. Basic Gamma Buffer Configuration
18
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM6584



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com