Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6584MA/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # LM6584MA/NOPB
Description  LM6584 TFT-LCD Quad, 13V RRIO High Output Current Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM6584MA/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM6584MA/NOPB Datasheet HTML 13Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 14Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 15Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 16Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 17Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 18Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 19Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 20Page - Texas Instruments LM6584MA/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
2 PSec/DIV
VSW
ICOM
2PSec/DIV
VSW
VCOM
LM6584
www.ti.com
SNOSA44C – MAY 2003 – REVISED MARCH 2013
Figure 31. VSW and VCOM Waveforms from VCOM
Figure 32. VSW and IOUT Waveforms from VCOM Test Circuit
GAMMA BUFFER
Illumination in a TFT display, also referred to as grayscale, is set by a series of discrete voltage levels that are
applied to each LCD pixel. These voltage levels are generated by resistive DAC networks that reside inside each
of the column driver ICs. For example, a column driver with 64 Grayscale levels has a two 6 bit resistive DACs.
Typically, the two DACs will have their 64 resistors grouped into four segments, as shown in Figure 33. Each of
these segments is connected to external voltage lines, VGMA1 to VGMA10, which are the Gamma Levels.
VGMA1 to VGMA5 set grayscale voltage levels that are positive with respect to VCOM (high polarity gamma
levels). VGMA6 to VGMA10 set grayscale voltages negative with respect to VCOM (low polarity gamma levels).
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM6584



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com