Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1870 Datasheet(PDF) 28 Page - Texas Instruments

Part # PCM1870
Description  16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1870 Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCM1870 Datasheet HTML 24Page - Texas Instruments PCM1870 Datasheet HTML 25Page - Texas Instruments PCM1870 Datasheet HTML 26Page - Texas Instruments PCM1870 Datasheet HTML 27Page - Texas Instruments PCM1870 Datasheet HTML 28Page - Texas Instruments PCM1870 Datasheet HTML 29Page - Texas Instruments PCM1870 Datasheet HTML 30Page - Texas Instruments PCM1870 Datasheet HTML 31Page - Texas Instruments PCM1870 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
www.ti.com
PCM1870
SLAS544A – MAY 2007 – REVISED SEPTEMBER 2007
Register 82
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 82
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
RSV
PAIR
PAIL
PADS
PMCB
PADR
PADL
IDX[6:0]: 101 0010b (52h) Register 82
PAIR: Power Up/Down for PG2 and PG6 (Gain Amplifier for Analog Input R-Channel)
PAIR: Power Up/Down for PG1 and PG5 (Gain Amplifier for Analog Input L-Channel)
Default value: 0
This bit is used to control power up/down for PG1, -2 and PG5, -6 (gain amplifier for analog input).
PAIR, PAIL = 0
Power down (default)
PAIR, PAIL = 1
Power up
PADS: Power Up/Down for D2S (Differential Amplifier) of AIN1L and AIN1R
Default value: 0
This bit is used to control power up/down for D2S (differential-to-single amplifier).
PADS = 0
Power down (default)
PADS = 1
Power up
PMCB: Power Up/Down Control for Microphone Bias Source
Default value: 0
This bit is used to control power up/down for the microphone bias source.
PMCB = 0
Power down (default)
PMCB = 1
Power up
PADR: Power Up/Down Control for ADR (ADC and Digital Filter R-Channel)
PADL: Power Up/Down Control for ADL (ADC and Digital Filter L-Channel)
Default value: 0
This bit is used to control power up/down for the ADC and decimation filter.
PADR, PADL = 0
Power down (default)
PADR, PADL = 1
Power up
28
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): PCM1870



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com