Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1870 Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM1870
Description  16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1870 Datasheet(HTML) 3 Page - Texas Instruments

  PCM1870 Datasheet HTML 1Page - Texas Instruments PCM1870 Datasheet HTML 2Page - Texas Instruments PCM1870 Datasheet HTML 3Page - Texas Instruments PCM1870 Datasheet HTML 4Page - Texas Instruments PCM1870 Datasheet HTML 5Page - Texas Instruments PCM1870 Datasheet HTML 6Page - Texas Instruments PCM1870 Datasheet HTML 7Page - Texas Instruments PCM1870 Datasheet HTML 8Page - Texas Instruments PCM1870 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PCM1870
SLAS544A – MAY 2007 – REVISED SEPTEMBER 2007
All specifications at TA = 25°C, VDD = VIO = VCC = VPA = 3.3 V, fS = 48 kHz, system clock = 256 fS, and 16-bit data, unless
otherwise noted
PCM1870RHF, PCM1870YZF
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
AUDIO DATA
Data Format
Resolution
16
Bits
Audio data interface format
I2S, left-, right-justified, DSP
Audio data bit length
16
Bits
Audio data format
MSB-first, 2s-complement
fS
Sampling frequency
5
50
kHz
VDD < 2 V
27
System clock
MHz
VDD > 2 V
40
DIGITAL INPUT/OUTPUT
Logic family
CMOS compatible
VIH
0.7 VIO
Input logic level
VDC
VIL
0.3 VIO
IIH
VIN = 3.3 V
10
Input logic current
μA
IIL
VIN = 0 V
–10
VOH
IOH = –2 mA
0.75 VIO
Output logic level
VDC
VOL
IOL = 2 mA
0.25 VIO
LINE INPUT TO DIGITAL OUTPUT THROUGH ADC (AIN1L/R, AIN2L/R AND PGINL/R—ALC = OFF, PG1 = PG2 = PG3 = PG4 = 0 dB
Dynamic Performance
2.828
Vp-p
Full-scale input voltage
0 dB
1
Vrms
Dynamic range
EIAJ, A-weighted
90
dB
SNR
Signal-to-noise ratio
EIAJ, A-weighted
83
90
dB
Channel separation
87
dB
THD+N
Total harmonic distortion + noise
–1 dB
0.009%
0.017%
Analog Input
Center voltage
0.5 VCC
V
AIN1L, AIN1R, AIN2L, and AIN2R
10
20
Input impedance
PGINL and PGINR, PG3 = PG4 = –12 dB
70
142
k
Ω
PGINL and PGINR, PG3 = PG4 = 30 dB
4.7
9.5
ANALOG OUTPUTS (AOL AND AOR)
Center voltage
0.5 VCC
V
Load resistance
10
k
Ω
Load capacitance
20
pF
MICROPHONE BIAS—ALC = OFF, PG1 = PG2 = PG3 = PG4 = 0 dB
Bias voltage
0.75 VCC
V
Bias source current
2
mA
Output noise
6.5
μV
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PCM1870



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com