Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1870 Datasheet(PDF) 34 Page - Texas Instruments

Part # PCM1870
Description  16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1870 Datasheet(HTML) 34 Page - Texas Instruments

Back Button PCM1870 Datasheet HTML 30Page - Texas Instruments PCM1870 Datasheet HTML 31Page - Texas Instruments PCM1870 Datasheet HTML 32Page - Texas Instruments PCM1870 Datasheet HTML 33Page - Texas Instruments PCM1870 Datasheet HTML 34Page - Texas Instruments PCM1870 Datasheet HTML 35Page - Texas Instruments PCM1870 Datasheet HTML 36Page - Texas Instruments PCM1870 Datasheet HTML 37Page - Texas Instruments PCM1870 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
www.ti.com
PCM1870
SLAS544A – MAY 2007 – REVISED SEPTEMBER 2007
ZCRS: Zero Cross for Digital Attenuation/Mute and Analog Gain Setting
Default value: 0
This bit is used to enable the zero-cross detector, which reduces zipper noise while the digital soft mute or
analog gain setting is being changed. If no zero-cross data is input for a 512/fS period (10.6 ms at a 48-kHz
sampling rate), then a time-out occurs and the PCM1870 starts changing the attenuation, gain, or volume level.
The zero-cross detector cannot be used with continuous-zero and dc data.
ZCRS = 0
Zero cross disabled (default)
ZCRS = 1
Zero cross enabled
Register 87
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 87
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
AD2S
RSV
AIR1
AIR0
RSV
RSV
AIL1
AIL0
IDX[6:0]: 101 0111b (57h) Register 87
AD2S: Differential Amplifier Selector (MUX3 and MUX4)
Default value: 0
This bit is used to select whether a single-ended amplifier or differential amplifier (D2S) is used as the input for
the ADC. MUX3 and MUX4 use the single-ended input when AD2S = 0. MUX3 and MUX4 use the monaural
differential input when AD2S = 1.
AD2S = 0
Single-ended amplifier (default)
AD2S = 1
Differential amplifier
AIL[1:0]: AIN1L and AIN2L Selector (MUX1)
Default value: 00
MUX1 selects the analog input, AIN1L or AIN2L.
AIL[1:0]
AIN L-channel Select
0 0
Disconnect (default)
0 1
AIN1L
1 0
AIN2L
1 1
Reserved
AIR[1:0]: AIN1R and AIN2R Selector (MUX2)
Default value: 00
MUX2 selects the analog input, AIN1R or AIN2R.
AIR[1:0]
AIN R-channel Select
0 0
Disconnect (default)
0 1
AIN1R
1 0
AIN2R
1 1
Reserved
34
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): PCM1870



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com