Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1870 Datasheet(PDF) 12 Page - Texas Instruments

Part # PCM1870
Description  16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1870 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM1870 Datasheet HTML 8Page - Texas Instruments PCM1870 Datasheet HTML 9Page - Texas Instruments PCM1870 Datasheet HTML 10Page - Texas Instruments PCM1870 Datasheet HTML 11Page - Texas Instruments PCM1870 Datasheet HTML 12Page - Texas Instruments PCM1870 Datasheet HTML 13Page - Texas Instruments PCM1870 Datasheet HTML 14Page - Texas Instruments PCM1870 Datasheet HTML 15Page - Texas Instruments PCM1870 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
www.ti.com
Zero-Cross Detection
Power Up/Down for Each Module
Digital Interface
Power Supply
PCM1870
SLAS544A – MAY 2007 – REVISED SEPTEMBER 2007
Zero-cross detection minimizes audible zipper noise while changing analog volume and digital attenuation. This
function can be applied to digital input or digital output by register 86 (ZCRS).
Using register 73 (PBIS), register 82 (PAIR, PAIL, PADS, PMCB, PADR, PADL), and register 90 (PCOM),
unused modules can be powered down to minimize power consumption (13 mW when recording only).
All digital I/O pins can interface at various power supply voltages. The VIO pin can be connected to a 1.71-V to
3.6-V power supply.
The VCC pin can be connected to 2.4 V to 3.6 V. The VDD pin and VIO pin can be connected to 1.71 to 3.6 V. A
different voltage can be applied to each of these pins (for example, VDD = 1.8 V, VIO = 3.3 V).
12
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): PCM1870



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com