Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1870 Datasheet(PDF) 7 Page - Texas Instruments

Part # PCM1870
Description  16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1870 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM1870 Datasheet HTML 3Page - Texas Instruments PCM1870 Datasheet HTML 4Page - Texas Instruments PCM1870 Datasheet HTML 5Page - Texas Instruments PCM1870 Datasheet HTML 6Page - Texas Instruments PCM1870 Datasheet HTML 7Page - Texas Instruments PCM1870 Datasheet HTML 8Page - Texas Instruments PCM1870 Datasheet HTML 9Page - Texas Instruments PCM1870 Datasheet HTML 10Page - Texas Instruments PCM1870 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
www.ti.com
TYPICAL PERFORMANCE CURVES
Frequency [ f ]
´ S
G001
–120
–100
–80
–60
–40
–20
0
0
1
2
3
4
Frequency [ f ]
´ S
–0.2
–0.1
0
0.1
0.2
0
0.1
0.2
0.3
0.4
0.5
G002
Frequency [ f ]
´ S
G003
–20
–15
–10
–5
0
5
0
0.0005
0.001
0.0015
0.002
Frequency [ f ]
´ S
G012
–20
–15
–10
–5
0
5
0
0.005
0.01
0.015
0.02
PCM1870
SLAS544A – MAY 2007 – REVISED SEPTEMBER 2007
All specifications at TA = 25°C, VDD = VIO = VCC = VPA = 3.3 V, fS = 8 kHz to 48 kHz, system clock = 256 fS and 16-bit data,
unless otherwise noted.
DECIMATION FILTER, STOP-BAND
DECIMATION FILTER, PASS-BAND
Figure 1.
Figure 2.
HIGH-PASS FILTER PASS-BAND CHARACTERISTICS
HIGH-PASS FILTER PASS-BAND CHARACTERISTICS
(fC = 4 Hz at 48 kHz)
(fC = 120 Hz at 48 kHz)
Figure 3.
Figure 4.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): PCM1870



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com