Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1870 Datasheet(PDF) 4 Page - Texas Instruments

Part # PCM1870
Description  16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1870 Datasheet(HTML) 4 Page - Texas Instruments

  PCM1870 Datasheet HTML 1Page - Texas Instruments PCM1870 Datasheet HTML 2Page - Texas Instruments PCM1870 Datasheet HTML 3Page - Texas Instruments PCM1870 Datasheet HTML 4Page - Texas Instruments PCM1870 Datasheet HTML 5Page - Texas Instruments PCM1870 Datasheet HTML 6Page - Texas Instruments PCM1870 Datasheet HTML 7Page - Texas Instruments PCM1870 Datasheet HTML 8Page - Texas Instruments PCM1870 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
www.ti.com
PCM1870
SLAS544A – MAY 2007 – REVISED SEPTEMBER 2007
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, VDD = VIO = VCC = VPA = 3.3 V, fS = 48 kHz, system clock = 256 fS, and 16-bit data, unless
otherwise noted
PCM1870RHF, PCM1870YZF
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
FILTER CHARACTERISTICS
Decimation Filter for ADC
Pass band
0.408 fS
Stop band
0.591 fS
Pass-band ripple
±0.02
dB
Stop-band attenuation
f < 3.268 fS
–60
dB
Group delay
17/fS
s
High-Pass Filter for ADC
–3 dB
3.74
Frequency response (fc = 4 Hz)
–0.5 dB
10.66
Hz
–0.1 dB
24.20
–3 dB
118.77
Frequency response (fc = 120 Hz)
–0.5 dB
321.75
Hz
–0.1 dB
605.52
–3 dB
235.68
Frequency response (fc = 240 Hz)
–0.5 dB
609.95
Hz
–0.1 dB
2601.2
POWER SUPPLY AND SUPPLY CURRENT
VIO
VIO
1.71
3.3
3.6
VDD
Voltage range
VDD
1.71
3.3
3.6
VDC
VCC
VCC
2.4
3.3
3.6
BPZ input, all active, no load
8
12
mA
Supply current
All inputs are held static.
1
10
μA
BPZ input
26.4
39.6
mW
Power dissipation
All inputs are held static.
3.3
33
μW
TEMPERATURE CONDITION
Operation temperature
–40
85
°C
θJA
Thermal resistance
35
°C/W
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): PCM1870



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com