Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCBU014 Datasheet(PDF) 25 Page - Texas Instruments

Part # SCBU014
Description  Tag-it HF-I Standard Transponder IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCBU014 Datasheet(HTML) 25 Page - Texas Instruments

Back Button SCBU014 Datasheet HTML 21Page - Texas Instruments SCBU014 Datasheet HTML 22Page - Texas Instruments SCBU014 Datasheet HTML 23Page - Texas Instruments SCBU014 Datasheet HTML 24Page - Texas Instruments SCBU014 Datasheet HTML 25Page - Texas Instruments SCBU014 Datasheet HTML 26Page - Texas Instruments SCBU014 Datasheet HTML 27Page - Texas Instruments SCBU014 Datasheet HTML 28Page - Texas Instruments SCBU014 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
www.ti.com
3.7
Barcode Label
3.8
Storage Conditions
Barcode Label
The following figure shows the barcode label that is placed on the packing box, the wafer container and
the CD with the map file.
Note:
The data provided below is an example and should only be viewed as guide values.
(1P) Part number
(Q) Quantity of functional chips
(D) Datecode; lot number
Figure 3-8. Barcode Label
The wafers should be kept in the original packing during storage.
Table 3-3. Storage Conditions
Parameter
Value
Temperature
20
°C ± 5°C
Atmosphere
dried N2 or dried air with 40%–60% r.h.
Duration
Max. 6 months
SCBU047 (11-09-21-064) – October 2007
Shipping, Packing and Further Handling
25
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com