Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCBU014 Datasheet(PDF) 8 Page - Texas Instruments

Part # SCBU014
Description  Tag-it HF-I Standard Transponder IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCBU014 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SCBU014 Datasheet HTML 4Page - Texas Instruments SCBU014 Datasheet HTML 5Page - Texas Instruments SCBU014 Datasheet HTML 6Page - Texas Instruments SCBU014 Datasheet HTML 7Page - Texas Instruments SCBU014 Datasheet HTML 8Page - Texas Instruments SCBU014 Datasheet HTML 9Page - Texas Instruments SCBU014 Datasheet HTML 10Page - Texas Instruments SCBU014 Datasheet HTML 11Page - Texas Instruments SCBU014 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
www.ti.com
1.1
General
1.2
System Description
Reader
1.3
Product Description
General
The Tag-it HF-I Standard Transponder IC is part of TI’s 13.56 MHz product family which is based on the
ISO/IEC 15693 standard for contactless integrated circuit cards (vicinity cards) and ISO/IEC 18000-3
standard for item management. The Tag-it HF-I Standard Transponder IC builds the basis for various
available inlay shapes which are used as consumable smart labels in markets requiring quick and
accurate identification of items, such as:
• Asset tagging
• Electronic ticketing
• Anti-counterfeit prevention
• Distribution logistics and supply chain management
• Building access badges
• Express parcel delivery
• Airline boarding pass and baggage handling
User data is written to and read from memory blocks using a non-volatile EEPROM silicon technology.
Each block is separately programmable by the user and can be locked to protect data from modification.
Once the data has been ‘locked’ then it cannot be changed.
To give some examples, information about delivery checkpoints and timing, place of origin/destination,
pallet assignments, inventory numbers and even transportation routes can be coded into the transponder.
Multiple transponders, which appear in the Readers RF field, can be identified, read from and written to by
using the Unique Identifier (UID), which is programmed and locked at the factory.
For operation a reader with antenna is required to send a command to the transponder and to receive its
response (see Figure 1-1). The command of the Reader can be either in addressed or non-addressed
mode. The Transponder does not transmit data until the reader sends a request (Reader talks first
principle).
Figure 1-1. RFID System With Reader, Antenna and Tag-it HF-I Transponder
The Tag-it HF-I Standard Transponder IC is compliant to the ISO/IEC 15693 and ISO/IEC 18000-3
standard. To build a complete transponder, the Tag-it HF-I Standard Transponder IC has to build a
resonance circuit with the antenna it is assembled on e.g. an etched aluminum antenna.
Introduction
8
SCBU047 (11-09-21-064) – October 2007
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com