Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCBU014 Datasheet(PDF) 12 Page - Texas Instruments

Part # SCBU014
Description  Tag-it HF-I Standard Transponder IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCBU014 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SCBU014 Datasheet HTML 8Page - Texas Instruments SCBU014 Datasheet HTML 9Page - Texas Instruments SCBU014 Datasheet HTML 10Page - Texas Instruments SCBU014 Datasheet HTML 11Page - Texas Instruments SCBU014 Datasheet HTML 12Page - Texas Instruments SCBU014 Datasheet HTML 13Page - Texas Instruments SCBU014 Datasheet HTML 14Page - Texas Instruments SCBU014 Datasheet HTML 15Page - Texas Instruments SCBU014 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
www.ti.com
2.1
Electrical Specification
Electrical Specification
Table 2-1. Absolute Maximum Ratings
Parameter
Symbol
Note
Min
Nom
Max
Unit
Antenna Input Current
Iant_dc
10
mA
Antenna Input Voltage
Vant_dc
10
V
Storage Temperature
Ts
–40
125
°C
Junction (Chip) Temp.
Tj
150
°C
ANT1, ANT2
2.5
ESD Immunity
HBM
kV
TDAT, GND
2.0
Note:
Stress beyond the limits of those listed under ‘Absolute Maximum Ratings’ may cause
permanent damage to the device. Functional operation of the device under these or any
other conditions beyond those indicated under ‘Recommended Operating Conditions’ is not
implied. Exposure to absolute-maximum-rated conditions for extended time may affect device
reliability.
Table 2-2. Recommended Operating Conditions
Parameter
Symbol
Note
Min
Nom
Max
Unit
Operating Temperature
TA
–40
+85
°C
Carrier Frequency
fTX
13.56
MHz
@ fTX
Antenna Input Voltage
VANT
2.5
Vlim
V
unmodulated
Impedance of LC circuit
Z
6.5
15.5
k
Ω
Table 2-3. Electrical Characteristics
Parameter
Symbol
Note
Min
Nom
Max
Unit
Input Capacitance
CIN
@ 2VRMS
–10%
23.5
+10%
pF
Operating Supply Current
ICC
VANT=min
25
μA
Operating Supply Current
ICC
Programming
35
μA
Uplink Modulation Index
MPICC
VANT<7V
0.1
0.3
Limiter Clamping Volt.
Vlim
10
V
Data Retention
tDRET
55
°C
10
Years
Write & Erase Endurance
W&E
Ta=25
°C
100 000
Cycles
Note:
For highest possible read-out coverage it is recommended to operate readers at a
modulation depth of 20% or higher.
Specification
12
SCBU047 (11-09-21-064) – October 2007
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com