Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCBU014 Datasheet(PDF) 9 Page - Texas Instruments

Part # SCBU014
Description  Tag-it HF-I Standard Transponder IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCBU014 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SCBU014 Datasheet HTML 5Page - Texas Instruments SCBU014 Datasheet HTML 6Page - Texas Instruments SCBU014 Datasheet HTML 7Page - Texas Instruments SCBU014 Datasheet HTML 8Page - Texas Instruments SCBU014 Datasheet HTML 9Page - Texas Instruments SCBU014 Datasheet HTML 10Page - Texas Instruments SCBU014 Datasheet HTML 11Page - Texas Instruments SCBU014 Datasheet HTML 12Page - Texas Instruments SCBU014 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
www.ti.com
1.4
Functional Description
1.5
Memory Organization
Userdata
(256bits)
UIDNumber
(64bits)
X
AFI
0x06
0x08
0x09
0x0A
Block Addr
0x00
0x01
0x02
32bits
FU
F =FactoryLock, U =UserLock
LockBits
0x03
0x04
0x05
0x06
0x07
Functional Description
The Tag-it HF-I Standard Transponder IC is a low power, full duplex Transponder IC for use with passive
contactless identification transponder systems.
The transponder IC is designed to operate with a 13.56 MHz carrier frequency. The ISO standard defines
for some communication parameters several modes in order to meet different international radio
regulations and different application requirements. Therefore communication between the reader and the
transponder (Down-Link communication) takes place using ASK modulation index between 10% and 30%
or 100% and datacoding (pulse position modulation) ‘1 out of 4’ or ‘1 out of 256’.
According to ISO 15693 Up-Link communication (Transponder to Reader) can be accomplished with one
subcarrier (ASK modulation) or with two subcarrier (FSK modulation). Both modes (ASK and FSK) can
operate with either high or low data rate. The transponder will answer in the mode it was interrogated
from the reader and supports all communication parameter combinations. Up- and Down-Link are
frame synchronized and CRC check sum secured.
Each Tag-it HF-I Standard Transponder IC has a ‘unique’ address (UID) stored in two blocks which are
factory-programmed and 64 bits long (=264 different addresses). This can be used for addressing each
transponder uniquely and individually for a one-to-one exchange between the reader and the transponder.
A mechanism to resolve collisions of a multiplicity of transponders (Anticollision) is also implemented. This
special feature allows multiple transponders to be read simultaneously and offers the capability to
inventory in a very short time a large number of transponders by their unique address, provided they are
within the reader operating range.
Also, the Application Family Identifier (AFI), which is optional in the ISO15693, is supported by the Tag-it
HF-I Standard Transponder.
For more details about the communication between reader and transponder see ISO/IEC 15693 and the
Tag-it HF-I Standard Extended Command Specification.
User data is read and stored in a 256 bit non-volatile user memory that is organized in 8 blocks. Each
block with 32 bit is user programmable and can be locked individually to protect data from modification.
Once set, the lock bit cannot be reset. The user memory is field programmable per block. Two levels of
block locking are supported: Individual block locking by the user (U) or individual block locking of factory
programmed data (F) during manufacturing. Bit 2 of the “Block Security Status” Byte defined in ISO
15693-3 is used to store the Factory Lock Status of the Block. Block locking irreversibly protects the
locked data from any further reprogramming.
Figure 1-2. Memory Organization of the Tag-it HF-I Standard Transponder IC
SCBU047 (11-09-21-064) – October 2007
Introduction
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com