Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCBU014 Datasheet(PDF) 14 Page - Texas Instruments

Part # SCBU014
Description  Tag-it HF-I Standard Transponder IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCBU014 Datasheet(HTML) 14 Page - Texas Instruments

Back Button SCBU014 Datasheet HTML 10Page - Texas Instruments SCBU014 Datasheet HTML 11Page - Texas Instruments SCBU014 Datasheet HTML 12Page - Texas Instruments SCBU014 Datasheet HTML 13Page - Texas Instruments SCBU014 Datasheet HTML 14Page - Texas Instruments SCBU014 Datasheet HTML 15Page - Texas Instruments SCBU014 Datasheet HTML 16Page - Texas Instruments SCBU014 Datasheet HTML 17Page - Texas Instruments SCBU014 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
www.ti.com
2.3
Mechanical Die Specification
Mechanical Die Specification
Figure 2-1. Wafer on FFC
Table 2-6. Mechanical Die Specification
Parameter
Value
Bond pad metallization material
ALCu0.5 %
Bond pad metallization thickness
0.95
μm
Bond & test pad location
Table 2-7
Die dimension (including scribe line)
1080 * 1080
μm
±15 μm
Die dimension (excluding scribe line)
996 * 996
μm
±15 μm
Top side passivation material
SiNi
Passivation thickness
1.1
μm
Specification
14
SCBU047 (11-09-21-064) – October 2007
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com