Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCBU014 Datasheet(PDF) 26 Page - Texas Instruments

Part # SCBU014
Description  Tag-it HF-I Standard Transponder IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SCBU014 Datasheet(HTML) 26 Page - Texas Instruments

Back Button SCBU014 Datasheet HTML 22Page - Texas Instruments SCBU014 Datasheet HTML 23Page - Texas Instruments SCBU014 Datasheet HTML 24Page - Texas Instruments SCBU014 Datasheet HTML 25Page - Texas Instruments SCBU014 Datasheet HTML 26Page - Texas Instruments SCBU014 Datasheet HTML 27Page - Texas Instruments SCBU014 Datasheet HTML 28Page - Texas Instruments SCBU014 Datasheet HTML 29Page - Texas Instruments SCBU014 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
www.ti.com
3.9
Antenna Calculation
L
RL
CLpar
Cchip
Rcont
Rchip
Rcont
CHIP
Resonance frequency:
=
1
fres
2* Π*L*Cchip
Total Quality factor:
Qc*Ql
Qres=
Qc+Ql
Input Impedance:
L
Z=Qres*
Cchip
Antenna Calculation
Rchip: IC input impedance
Cchip: IC input capacitance
Rcont: Pad/assembly contact resistance
CLpar: Parasitic capacitance of antenna
RL: Series resistance of antenna
L: Antenna Inductance
Based on an IC capacitance of 23.5 pF, the impedance shall be matched to be in the specified impedance
range of 6.5 to 15.5 k
Ω to fit the IC capabilities.
Note:
If Z>15.5 k
Ω, reduced performance of read range must be considered.
26
Shipping, Packing and Further Handling
SCBU047 (11-09-21-064) – October 2007
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com