Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE101TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STDRIVE101TR
Description  Triple half-bridge gate driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STDRIVE101TR Datasheet HTML 3Page - STMicroelectronics STDRIVE101TR Datasheet HTML 4Page - STMicroelectronics STDRIVE101TR Datasheet HTML 5Page - STMicroelectronics STDRIVE101TR Datasheet HTML 6Page - STMicroelectronics STDRIVE101TR Datasheet HTML 7Page - STMicroelectronics STDRIVE101TR Datasheet HTML 8Page - STMicroelectronics STDRIVE101TR Datasheet HTML 9Page - STMicroelectronics STDRIVE101TR Datasheet HTML 10Page - STMicroelectronics STDRIVE101TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ISI
Maximum sink current
capabilities
VS = VREG12 = 5.5 V
VBOOTx-VOUTx = 5.5 V
Full temperature range
250
mA
ISO
Maximum source current
capabilities
VS = VREG12 = 12 V
VBOOTx-VOUTx = 12 V
TJ = 25 °C
350
600
mA
VS = VREG12 = 12 V
VBOOTx-VOUTx = 12 V
Full temperature range
300
mA
VS = VREG12 = 5.5 V
VBOOTx-VOUTx = 5.5 V
TJ = 25 °C
300
mA
VS = VREG12 = 5.5 V
VBOOTx-VOUTx = 5.5 V
Full temperature range
250
mA
RPMOS
PMOS on resistance
VS = VREG12 = 12 V
VBOOTx-VOUTx = 12 V
Isource = 100 mA
TJ = 25 °C
3.8
4.8
Ω
VS = VREG12 = 5.5 V
VBOOTx-VOUTx = 5.5 V
Isource = 100 mA
Full temperature range
6.1
Ω
RNMOS
NMOS on resistance
VS = VREG12 = 12 V
VBOOTx-VOUTx = 12 V
Isink = 100 mA
TJ = 25 °C
1.8
2.3
Ω
VS = VREG12 = 5.5 V
VBOOTx-VOUTx = 5.5 V
Isink = 100 mA
Full temperature range
3
Ω
IOUT,bias
OUTx bias current
OUTx = VS = 60 V
TJ = 25 °C
85
155
225
µA
OUTx = 0 V
TJ = 25 °C
85
155
225
µA
ton, toff
Input to output propagation
delay
(1)
40
70
ns
VS = VREG12 = 5.5 V
VBOOTx-VOUTx = 5.5 V
Full temperature range
120
ns
STDRIVE101
Electrical characteristics
DS13472 - Rev 1
page 7/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com