Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE101TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STDRIVE101TR
Description  Triple half-bridge gate driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101TR Datasheet(HTML) 2 Page - STMicroelectronics

  STDRIVE101TR Datasheet HTML 1Page - STMicroelectronics STDRIVE101TR Datasheet HTML 2Page - STMicroelectronics STDRIVE101TR Datasheet HTML 3Page - STMicroelectronics STDRIVE101TR Datasheet HTML 4Page - STMicroelectronics STDRIVE101TR Datasheet HTML 5Page - STMicroelectronics STDRIVE101TR Datasheet HTML 6Page - STMicroelectronics STDRIVE101TR Datasheet HTML 7Page - STMicroelectronics STDRIVE101TR Datasheet HTML 8Page - STMicroelectronics STDRIVE101TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
1
Block diagram
Figure 1. STDRIVE101 block diagram
+
VM
12V
Half-bridge 1
Half-bridge 2
Half-bridge 3
M
VDD
EN3/INL3
EN1/INL1
nFAULT
EN2/INL2
IN3/INH3
DT/MODE
SCREF
IN1/INH1
IN2/INH2
GLS2
OUT2
GHS2
BOOT2
GLS3
CP
OUT3
GHS3
BOOT3
STBY
HS
LS
BOOT1
GHS1
OUT1
GLS1
12 V
LDO Reg
+
-
+
-
+
-
+
+
VSCREF
VBOOT
VCC
VREF
VDSth
VDSth
VCC
VCC
STDRIVE101
Block diagram
DS13472 - Rev 1
page 2/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com