Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE101TR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STDRIVE101TR
Description  Triple half-bridge gate driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101TR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STDRIVE101TR Datasheet HTML 14Page - STMicroelectronics STDRIVE101TR Datasheet HTML 15Page - STMicroelectronics STDRIVE101TR Datasheet HTML 16Page - STMicroelectronics STDRIVE101TR Datasheet HTML 17Page - STMicroelectronics STDRIVE101TR Datasheet HTML 18Page - STMicroelectronics STDRIVE101TR Datasheet HTML 19Page - STMicroelectronics STDRIVE101TR Datasheet HTML 20Page - STMicroelectronics STDRIVE101TR Datasheet HTML 21Page - STMicroelectronics STDRIVE101TR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Figure 13. Deadtime management for short pulses
50%
50%
IN
GHS
90%
GLS
10%
50%
50%
90%
10%
tDTHL
tDTLH
Note:
(1) this propagation delay is typically 16 ns longer than the one measured in INH/INL driving mode (testing condition).
toff(1)
ton(1)
toff(1)
ton(1)
The deadtime depends on the RDT value according to the following equation:
Equation 5
(5)
RDTkΩ =96.15 ∙DT μs −4.45
The equation is valid only with RDT value ranging from 50 kΩ to 250 kΩ.
Figure 14. Typical deadtime vs. DT resistor value
0
500
1000
1500
2000
2500
3000
0
50
100
150
200
250
300
DT resistor [kΩ]
Note:
If DT/MODE pin is left floating, the resulting deadtime is about 1 μs (typical at TJ = 25°C). However, it
should not be considered an operative condition. If the DT/MODE pin is shorted to ground, the device
operates in INHx/INLx mode.
5.4
Standby mode
The STDRIVE101 provides a standby mode to reduce power consumption, in particular:
All the outputs driver forced low (external power switches turned off)
The overcurrent comparator is disabled
TheVDS monitoring protection is disabled
The UVLO protection is disabled
The 12 V LDO linear regulator is switched off
STDRIVE101
Standby mode
DS13472 - Rev 1
page 18/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com