Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE101TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STDRIVE101TR
Description  Triple half-bridge gate driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101TR Datasheet(HTML) 1 Page - STMicroelectronics

  STDRIVE101TR Datasheet HTML 1Page - STMicroelectronics STDRIVE101TR Datasheet HTML 2Page - STMicroelectronics STDRIVE101TR Datasheet HTML 3Page - STMicroelectronics STDRIVE101TR Datasheet HTML 4Page - STMicroelectronics STDRIVE101TR Datasheet HTML 5Page - STMicroelectronics STDRIVE101TR Datasheet HTML 6Page - STMicroelectronics STDRIVE101TR Datasheet HTML 7Page - STMicroelectronics STDRIVE101TR Datasheet HTML 8Page - STMicroelectronics STDRIVE101TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Features
Operating voltage from 5.5 to 75 V
600 mA sink/source current capability
3.3 V and 5 V control logic
Two input strategies:
ENx/INx with adjustable deadtime generation
INHx/INLx with interlocking
Matched propagation delay for all channels
Very short propagation delay: 40 ns
Integrated bootstrap diodes
12 V LDO linear regulator (50 mA max.)
Embedded VDS monitor for each external MOSFET
Overcurrent comparator
UVLO and thermal shutdown protection
Standby mode for low current consumption operation
Application
Home automation and appliances
e-bikes
Power tools
Fans and pumps
Industrial automation
Textile machines
Gaming and consoles
Description
The STDRIVE101 is a low voltage gate driver suitable for driving three-phase
brushless motors.
It is a single-chip with three half-bridge gate drivers for N-channel power MOSFETs.
Each driver has a current capability of 600 mA (sink/source). It integrates a low drop
linear regulator generating the supply voltage for both low-side and high-side gate
drivers through a bootstrap circuitry.
The device provides Under Voltage Lock Out (UVLO) on both the low-side and high-
side sections, preventing the power switches from operating in low efficiency or
dangerous conditions.
The control logic integrated into the STDRIVE101 allows two input strategies (high-
side and low-side or enable and PWM driving signals). The driving method is
selected according to DT/MODE pin. In both cases, prevention from cross conduction
is ensured by interlocking or internally generated deadtime.
The STDRIVE101 also features a VDS monitoring protection for each external
MOSFET, thermal shutdown and can be put in the standby mode to reduce the
power consumption.
The device is available in a VFQFPN 4x4 24 leads package option.
Product status link
STDRIVE101
Product label
Triple half-bridge gate driver
STDRIVE101
Datasheet
DS13472 - Rev 1 - October 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STDRIVE101TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDRIVE101 STMICROELECTRONICS-STDRIVE101 Datasheet
959Kb / 13P
STDRIVE101 demonstration board for three-phase brushless motors
Oct-2020
STDRIVE101 STMICROELECTRONICS-STDRIVE101 Datasheet
1Mb / 11P
Compact, customizable and configurable reference design for battery operated BLDC/PMSM power tools based on STM32G473 and STDRIVE 101
03-Apr-2024
More results

Similar Description - STDRIVE101TR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380_07 Datasheet
438Kb / 13P
Half-Bridge Gate Driver
logo
STMicroelectronics
L6393DTR STMICROELECTRONICS-L6393DTR Datasheet
390Kb / 19P
Half-bridge gate driver
11-Aug-2010
logo
ON Semiconductor
FAN7080-GF085 ONSEMI-FAN7080-GF085 Datasheet
391Kb / 17P
Half Bridge Gate Driver
September-2017, Rev.2
FAN7380 ONSEMI-FAN7380 Datasheet
651Kb / 12P
Half-Bridge Gate Driver
October-2017, Rev. 3
FL73282 ONSEMI-FL73282 Datasheet
430Kb / 16P
Half-Bridge Gate Driver
September 2015 Rev.1.0
logo
Diodes Incorporated
DGD2003 DIODES-DGD2003 Datasheet
688Kb / 11P
HALF-BRIDGE GATE DRIVER
Rev 2
DGD2104M DIODES-DGD2104M Datasheet
789Kb / 11P
HALF-BRIDGE GATE DRIVER
Rev 2
DGD2184M DIODES-DGD2184M Datasheet
652Kb / 12P
HALF BRIDGE GATE DRIVER
Rev 1
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
HALF-BRIDGE GATE DRIVER
Rev 1
logo
STMicroelectronics
STDRIVE601 STMICROELECTRONICS-STDRIVE601 Datasheet
406Kb / 26P
Triple half-bridge high-voltage gate driver
02-Apr-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com