Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE101TR Datasheet(PDF) 3 Page - STMicroelectronics

Part # STDRIVE101TR
Description  Triple half-bridge gate driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101TR Datasheet(HTML) 3 Page - STMicroelectronics

  STDRIVE101TR Datasheet HTML 1Page - STMicroelectronics STDRIVE101TR Datasheet HTML 2Page - STMicroelectronics STDRIVE101TR Datasheet HTML 3Page - STMicroelectronics STDRIVE101TR Datasheet HTML 4Page - STMicroelectronics STDRIVE101TR Datasheet HTML 5Page - STMicroelectronics STDRIVE101TR Datasheet HTML 6Page - STMicroelectronics STDRIVE101TR Datasheet HTML 7Page - STMicroelectronics STDRIVE101TR Datasheet HTML 8Page - STMicroelectronics STDRIVE101TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
2
Electrical data
2.1
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 1 may cause permanent damage to the device.
Exposure to maximum rating conditions for extended periods may affect device reliability.
Table 1. Absolute maximum ratings
Symbol
Parameter
Test Condition
Value
Unit
VS
Supply voltage
-0.3 to 78
V
dVS/dt
Supply voltage slew rate
± 10
V/µs
VREG12
Gate driving supply voltage
REG12 shorted to VS
-0.3 to 20
V
VOUTx
OUTx pin voltage
-2 to VS + 2
V
VBOOTx
Bootstrap pin voltage
-0.3 to 98
V
VBOx
High-side driver supply voltage
VBOOTx - VOUTx
-0.3 to 20
V
VGHSx
High-side gates voltage
VOUT-0.3 to VBOOT+0.3
V
VGLSx
Low-side gates voltage
-0.3 to VREG12+0.3
V
dVOUT/dt
Output slew rate
± 10
V/ns
VIN
Logic input voltage
-0.3 to 5.5
V
VCP
Overcurrent comparator inputs
voltage
-2 to 5.5
V
VDT/MODE
Deadtime input voltage
-0.3 to 3.6
V
VSCREF
VDS monitoring protection
reference voltage
-0.3 to 3.6
V
VFAULT
nFAULT output voltage
-0.3 to 5.5
V
IFAULT
nFAULT output sink current
Up to 8
mA
Tstg
Storage temperature
-55 to 150
°C
TJ
Junction temperature
-40 to 150
°C
STDRIVE101
Electrical data
DS13472 - Rev 1
page 3/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com