Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE101TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STDRIVE101TR
Description  Triple half-bridge gate driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE101TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STDRIVE101TR Datasheet HTML 9Page - STMicroelectronics STDRIVE101TR Datasheet HTML 10Page - STMicroelectronics STDRIVE101TR Datasheet HTML 11Page - STMicroelectronics STDRIVE101TR Datasheet HTML 12Page - STMicroelectronics STDRIVE101TR Datasheet HTML 13Page - STMicroelectronics STDRIVE101TR Datasheet HTML 14Page - STMicroelectronics STDRIVE101TR Datasheet HTML 15Page - STMicroelectronics STDRIVE101TR Datasheet HTML 16Page - STMicroelectronics STDRIVE101TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
5
Device description
The STDRIVE101 is a low voltage gate driver for three-phase power stages with integrated linear regulator.
The device supply voltage is applied to VS pin. The VS is also used both as input voltage of 12 V LDO linear
regulator and to supply some internal circuitries, including the VDS monitoring protection reference voltage for the
high-side driver.
The power stage voltage (VM in Figure 1) must be equal or lower than VS voltage. If the VM voltage exceeds the
VS voltage, the device is damaged due to the violation of OUT pins absolute maximum rating as reported in
Table 1.
If a VM voltage lower than VS is used, the VDS monitoring protection cannot be used (refer to dedicated
Section 5.6 ).
5.1
Gate drivers’ characteristics
The STDRIVE101 integrates a triple half-bridge gate driver able to drive N-channel power MOSFETs. The high-
side section is supplied by a bootstrapped voltage technique with integrated bootstrap diode.
Figure 8. Gate drivers’ outputs characteristics in UVLO conditions
The device is designed to operate using VS as the supply voltage of the external power stage (i.e. motor supply
voltage). For this reason, the AMR rating of the OUTx pins is strictly related to the VS value and, more generally, it
is not possible to bias the OUT pins when the VS supply is not present (i.e. floating or shorted to ground).
5.2
12 V LDO linear regulator
The device integrates a LDO linear regulator generating 12 V output starting from the VS supply. The regulator is
disabled during standby mode.
STDRIVE101
Device description
DS13472 - Rev 1
page 13/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com