Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF85263ATT
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF85263ATT Datasheet HTML 1Page - NXP Semiconductors PCF85263ATT Datasheet HTML 2Page - NXP Semiconductors PCF85263ATT Datasheet HTML 3Page - NXP Semiconductors PCF85263ATT Datasheet HTML 4Page - NXP Semiconductors PCF85263ATT Datasheet HTML 5Page - NXP Semiconductors PCF85263ATT Datasheet HTML 6Page - NXP Semiconductors PCF85263ATT Datasheet HTML 7Page - NXP Semiconductors PCF85263ATT Datasheet HTML 8Page - NXP Semiconductors PCF85263ATT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 100 page
background image
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4.1 — 27 November 2015
2 of 100
NXP Semiconductors
PCF85263A
Tiny RTC with alarm, battery switch-over, and I2C-bus
 White goods
 Elapsed time counter
 Network powered devices
 Battery backed up systems
 Data loggers
 Digital voice recorders
 Mobile equipment
 Accurate high duration timer
4.
Ordering information
4.1 Ordering options
5.
Marking
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCF85263AT
SO8
plastic small outline package; 8 leads;
body width 3.9 mm
SOT96-1
PCF85263ATL
DFN2626-10
plastic thermal enhanced extremely
thin small outline package; no leads;
10 terminals; body 2.6
 2.6  0.5 mm
SOT1197-1
PCF85263ATT
TSSOP8
plastic thin shrink small outline
package; 8 leads; body width 3 mm
SOT505-1
PCF85263ATT1
TSSOP10
plastic thin shrink small outline
package; 10 leads; body width 3 mm
SOT552-1
Table 2.
Ordering options
Product type number
Orderable part number Sales item
(12NC)
Delivery form
IC
revision
PCF85263AT/A
PCF85263AT/AJ
935302207118
tape and reel, 13 inch
1
PCF85263ATL/A
PCF85263ATL/AX
935302602115
tape and reel, 7 inch
1
PCF85263ATT/A
PCF85263ATT/AJ
935304459118
tape and reel, 13 inch
1
PCF85263ATT1/A
PCF85263ATT1/AJ
935304461118
tape and reel, 13 inch
1
Table 3.
Marking codes
Product type number
Marking code
PCF85263AT/A
85263A
PCF85263ATL/A
263A
PCF85263ATT/A
263A
PCF85263ATT1/A
263A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com