Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATT Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PCF85263ATT
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PCF85263ATT Datasheet HTML 38Page - NXP Semiconductors PCF85263ATT Datasheet HTML 39Page - NXP Semiconductors PCF85263ATT Datasheet HTML 40Page - NXP Semiconductors PCF85263ATT Datasheet HTML 41Page - NXP Semiconductors PCF85263ATT Datasheet HTML 42Page - NXP Semiconductors PCF85263ATT Datasheet HTML 43Page - NXP Semiconductors PCF85263ATT Datasheet HTML 44Page - NXP Semiconductors PCF85263ATT Datasheet HTML 45Page - NXP Semiconductors PCF85263ATT Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 100 page
background image
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4.1 — 27 November 2015
42 of 100
NXP Semiconductors
PCF85263A
Tiny RTC with alarm, battery switch-over, and I2C-bus
8.10 Oscillator register
8.10.1 CLKIV: invert the clock output
[1]
Default value.
The clock selected with the COF[2:0] bits (register Function, address 28h) can be
inverted. This is intended for use in conjunction with the low jitter mode, LOWJ. The low
jitter mode reduces the jitter for the rising edge of the output clock. If the reduced jitter
needs to be on the falling edge, for example when using an open-drain clock output, then
the CLKIV bit can be used to implement this.
8.10.2 OFFM: offset calibration mode
See Section 8.8 “Offset register” on page 34 for a full description of offset calibration.
8.10.3 12_24: 12 hour or 24 hour clock
[1]
Default value.
In RTC mode, time counting can be configured for 24 hour clock or 12 hour clock with the
AMPM flag.
This bit is ignored in stop-watch mode.
8.10.4 LOWJ: low jitter mode
[1]
Default value.
Table 30.
Oscillator - oscillator control register (address 25h) bit description
Bit
7
6
5
4
3
2
1
0
Symbol
CLKIV
OFFM
12_24
LOWJ
OSCD[1:0]
CL[1:0]
Section
Section 8.16
Section 8.8
Section 8.10.3
Section 8.10.4
Section 8.10.5
Section 8.10.6
Table 31.
CLKIV bit - oscillator control register (address 25h)
Bit
Symbol
Value
Description
7CLKIV
output clock inversion
0[1]
non-inverting; LOWJ mode will affect rising
edge
1
inverted; LOWJ mode will affect falling edge
Table 32.
12_24 bit - oscillator control register (address 25h)
Bit
Symbol
Value
Description
5
12_24
12 hour or 24 hour mode
0[1]
24 hour mode is selected
1
12 hour mode is selected
Table 33.
LOWJ bit - oscillator control register (address 25h)
Bit
Symbol
Value
Description
4LOWJ
low jitter CLK output bit
0[1]
normal
1
reduced CLK output jitter; increase IDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com