Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATT Datasheet(PDF) 59 Page - NXP Semiconductors

Part # PCF85263ATT
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button PCF85263ATT Datasheet HTML 55Page - NXP Semiconductors PCF85263ATT Datasheet HTML 56Page - NXP Semiconductors PCF85263ATT Datasheet HTML 57Page - NXP Semiconductors PCF85263ATT Datasheet HTML 58Page - NXP Semiconductors PCF85263ATT Datasheet HTML 59Page - NXP Semiconductors PCF85263ATT Datasheet HTML 60Page - NXP Semiconductors PCF85263ATT Datasheet HTML 61Page - NXP Semiconductors PCF85263ATT Datasheet HTML 62Page - NXP Semiconductors PCF85263ATT Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 100 page
background image
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4.1 — 27 November 2015
59 of 100
NXP Semiconductors
PCF85263A
Tiny RTC with alarm, battery switch-over, and I2C-bus
Table 62.
Registers reset values
Registers labeled as - remain unchanged.
Address
Register name
Bit
7
6
5
4
3
2
1
0
00h
100TH_seconds
0
0
0
0
0
0
0
0
01h
Seconds
1
0
0
0
0
0
0
0
02h
Minutes
00
00
00
00
03h
Hours
00
00
00
00
04h
Days
0
00
00
00
1
05h
Weekdays
00
00
01
10
06h
Months
00
00
00
01
07h
Years
00
00
00
00
08h
Second_alarm1
-
-
-
-
-
-
-
-
Second_alm1
09h
Minute_alarm1
--
--
--
--
Minute_alm1
0Ah
Hour_alarm1
--
--
--
--
Hr_xx_xx_00_alm1
0Bh
Day_alarm1
--
--
--
--
Hr_xx_00_xx_alm1
0Ch
Month_alarm1
-
-
-
-
-
-
-
-
Hr_00_xx_xx_alm1
0Dh
Minute_alarm2
--
--
--
--
Minute_alm2
0Eh
Hour_alarm2
--
--
--
--
Hr_xx_00_alm2
0Fh
Weekday_alarm2
-
-
-
-
-
-
-
-
Hr_00_xx_alm2
10h
Alarm enables
0
0
0
0
0
0
0
0
11h to 16h
Timestamp 1
0
0
0
0
0
0
0
0
17h to 1Ch Timestamp 2
0
0
0
0
0
0
0
0
1Dh to 22h Timestamp 3
0
0
0
0
0
0
0
0
23h
Timestamp_mode
0
0
0
0
0
0
0
0
24h
Offset
0
00
00
00
0
25h
Oscillator
0
00
00
00
0
26h
Battery_switch
00
00
00
00
27h
Pin_IO
0
00
00
00
0
28h
Function
0
00
00
00
0
29h
INTA_enable
00
00
00
00
2Ah
INTB_enable
00
00
00
00
2Bh
Flags
00
00
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com