Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATT Datasheet(PDF) 55 Page - NXP Semiconductors

Part # PCF85263ATT
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button PCF85263ATT Datasheet HTML 51Page - NXP Semiconductors PCF85263ATT Datasheet HTML 52Page - NXP Semiconductors PCF85263ATT Datasheet HTML 53Page - NXP Semiconductors PCF85263ATT Datasheet HTML 54Page - NXP Semiconductors PCF85263ATT Datasheet HTML 55Page - NXP Semiconductors PCF85263ATT Datasheet HTML 56Page - NXP Semiconductors PCF85263ATT Datasheet HTML 57Page - NXP Semiconductors PCF85263ATT Datasheet HTML 58Page - NXP Semiconductors PCF85263ATT Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 100 page
background image
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4.1 — 27 November 2015
55 of 100
NXP Semiconductors
PCF85263A
Tiny RTC with alarm, battery switch-over, and I2C-bus
8.13.3 RTCM: RTC mode
[1]
Default value.
The RTC mode is used to control how the time is counted. When configured as a classic
RTC, then time is counted from 100th seconds to years. In stop-watch mode, time is
counted from 100th seconds to 999999 hours.
[1]
Enabled with 100TH bit in the Function register (Section 8.13 on page 54).
8.13.4 STOPM: STOP mode control
[1]
Default value.
The STOP register bit in the Oscillator register (Section 8.10 on page 42) is used to stop
the counting of time in both RTC mode and stop-watch mode. Stopping of the oscillator
can also be controlled from the TS pin. The TS pin must first be configured as an input by
the TSPM[1:0] bits, then selected for active HIGH or active LOW by the TSL bits.
[1]
In the Oscillator register (Section 8.10 on page 42).
[2]
TSPM[1:0] = 11.
Table 54.
RTCM bit - Function control register (address 28h)
Bit
Symbol
Value
Description
4RTCM
RTC mode
0[1]
real-time clock mode
1
stop-watch mode
Table 55.
RTC time counting modes
RTCM Mode
Time counting
0
RTC
100th seconds[1], seconds, minutes, hours, days, weekdays, months, years
1
stop-watch 100th seconds[1], seconds, minutes, hours (0 hours to 999999 hours)
Table 56.
STOPM bit - Function control register (address 28h)
Bit
Symbol
Value
Description
3STOPM
STOP mode
0[1]
RTC stop is controlled by STOP bit only
1
RTC stop is controlled by STOP bit or TS pin
Table 57.
Oscillator stop control when STOPM = 1
STOP bit[1]
TSL
TS pin[2]
Oscillator state
Description
0
0
0
running
TS pin active HIGH
1
stopped
1
0
stopped
TS pin active LOW
1
running
1
-
-
stopped
TS pin ignored



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com