Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATT Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCF85263ATT
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCF85263ATT Datasheet HTML 26Page - NXP Semiconductors PCF85263ATT Datasheet HTML 27Page - NXP Semiconductors PCF85263ATT Datasheet HTML 28Page - NXP Semiconductors PCF85263ATT Datasheet HTML 29Page - NXP Semiconductors PCF85263ATT Datasheet HTML 30Page - NXP Semiconductors PCF85263ATT Datasheet HTML 31Page - NXP Semiconductors PCF85263ATT Datasheet HTML 32Page - NXP Semiconductors PCF85263ATT Datasheet HTML 33Page - NXP Semiconductors PCF85263ATT Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 100 page
background image
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4.1 — 27 November 2015
30 of 100
NXP Semiconductors
PCF85263A
Tiny RTC with alarm, battery switch-over, and I2C-bus
[1]
Default value.
First event means that the time is only stored on the first event and not recorded for
subsequent events. When the first event occurs, the associated timestamp flag is set.
When the flag is cleared, then a new ‘first’ event is recorded. See Figure 17 and
Figure 18.
Last event means that the time is stored on every event. When an event occurs, the
associated timestamp flag is set. It is not necessary to clear the flag before a new event is
recorded.
Interrupts can be generated in INTA pin and/or INTB pin. Interrupts are generated every
time a timestamp register is updated. Interrupt generation is not conditional on the state of
the timestamp flags. See Section 8.7.1.
Table 20.
TSR_mode - timestamp mode control register (address 23h) bit description
Bit
Symbol
Value
Description
Timestamp3 (TSR3)
7 to 6
TSR3M[1:0]
timestamp register 3 mode
00[1]
no timestamp
01
FB, record First time switch to Battery event
10
LB, record Last time switch to Battery event
11
LV, record Last time switch to VDD event
5
-
0
not used
Timestamp2 (TSR2)
4 to 2
TSR2M[2:0]
timestamp register 2 mode
000[1]
no timestamp
001
FB, record First time switch to Battery event
010
LB, record Last time switch to Battery event
011
LV, record Last time switch to VDD event
100
FE, record First TS pin Event
101
LE, record Last TS pin Event
110 to 111
no timestamp
Timestamp1 (TSR1)
1 to 0
TSR1M[1:0]
timestamp register 1 mode
00[1]
no timestamp
01
FE, record First TS pin Event
10
LE, record Last TS pin Event
11
no timestamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com