Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85263ATT Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCF85263ATT
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCF85263ATT Datasheet HTML 23Page - NXP Semiconductors PCF85263ATT Datasheet HTML 24Page - NXP Semiconductors PCF85263ATT Datasheet HTML 25Page - NXP Semiconductors PCF85263ATT Datasheet HTML 26Page - NXP Semiconductors PCF85263ATT Datasheet HTML 27Page - NXP Semiconductors PCF85263ATT Datasheet HTML 28Page - NXP Semiconductors PCF85263ATT Datasheet HTML 29Page - NXP Semiconductors PCF85263ATT Datasheet HTML 30Page - NXP Semiconductors PCF85263ATT Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 100 page
background image
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4.1 — 27 November 2015
27 of 100
NXP Semiconductors
PCF85263A
Tiny RTC with alarm, battery switch-over, and I2C-bus
Remark: Note that all timings are generated from the 32.768 kHz oscillator and are based
on the assumption that there is 0 ppm deviation. Deviation in oscillator frequency results
in deviation in timings. This is not applicable to interface timing.
The WatchDog counts down from a software-loaded 5-bit binary value, WDR[4:0], in
register WatchDog. Loading the counter with 0 stops the WatchDog. Loading the counter
with a non-0 value starts the counter. Values from 1 to 31 are allowed.
If a new value of WDR[4:0] is written before the end of the current WatchDog period, then
this value takes immediate effect.
When starting the timer for the first time or when reloading WDR[4:0] before the end of the
current period, the first period has an uncertainty of maximum one count. The uncertainty
is a result of loading the WDR[4:0] from the interface clock which is asynchronous from
the WatchDog source clock. Subsequent WatchDog periods do not have such variation.
Reading the WatchDog register returns the current value of the WatchDog counter (see
Figure 14) and not the initial value WDR[4:0]. Since it is not possible to freeze the
WatchDog counter during read back, it is recommended to read the register twice and
check for consistent results.
8.5.1.1
WatchDog repeat mode
In repeat mode, at the end of every WatchDog period, the WatchDog flag (bit WDF in the
Flags register, Section 8.14 on page 57) is set and the counter automatically reloads and
starts the next WatchDog period. An example is given in Figure 14. The asserted bit WDF
can be used to generate an interrupt. Bit WDF can only be cleared by command.
8.5.1.2
WatchDog single shot mode
In single shot mode, at the end of the countdown period, the WatchDog flag (bit WDF in
the Flags register, Section 8.14 on page 57) is set and the counter stops with the value 0.
The WatchDog register must be reloaded to start another WatchDog period.
In this example, it is assumed that the WatchDog flag (WDF) is cleared before the next WatchDog
period expires and that the interrupt output is set to pulsed mode.
Fig 14. WatchDog repeat mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com