Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN6294 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # FN6294
Description  100V, 2A Peak, High Frequency Half-Bridge Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6294 Datasheet(HTML) 3 Page - Renesas Technology Corp

  FN6294 Datasheet HTML 1Page - Renesas Technology Corp FN6294 Datasheet HTML 2Page - Renesas Technology Corp FN6294 Datasheet HTML 3Page - Renesas Technology Corp FN6294 Datasheet HTML 4Page - Renesas Technology Corp FN6294 Datasheet HTML 5Page - Renesas Technology Corp FN6294 Datasheet HTML 6Page - Renesas Technology Corp FN6294 Datasheet HTML 7Page - Renesas Technology Corp FN6294 Datasheet HTML 8Page - Renesas Technology Corp FN6294 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ISL2100A, ISL2101A
FN6294 Rev 4.2
Page 3 of 11
Oct 17, 2023
Ordering Information
PART NUMBER (Note)
PART
MARKING
PACKAGE DESCRIPTION
(RoHS Compliant)
PKG.
DWG. #
CARRIER TYPE
(Note 1)
TEMP. RANGE
ISL2100AAR3Z
00AZ
9 Ld 3x3 DFN
L9.3x3
Tube
-40 to +125°C
ISL2100AAR3Z-T
Reel, 6k
ISL2101AAR3Z
01AZ
Tube
ISL2101AAR3Z-T
Reel, 6k
ISL2101AABZ
01ABZ
8 Ld SOIC
M8.15
Tube
ISL2101AABZ-T
Reel, 2.5k
NOTES:
1. See TB347 for details on reel specifications.
2. These Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin
plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), see the ISL2100A and ISL2101A device pages. For more information about MSL, see TB363.
Pinouts
(9 LD DFN)
TOP VIEW
(8 LD SOIC)
TOP VIEW
2
3
1
4
8
7
6
9
5
VDD
HB
HO
HS
LO
VSS
LI
HI
NC
EPAD
5
6
8
7
4
3
2
1
VDD
HB
HO
HS
LO
LI
HI
VSS
NOTE: EPAD = Exposed PAD.
Pin Descriptions
SYMBOL
DESCRIPTION
VDD
Positive supply to lower gate driver. Bypass this pin to VSS.
HB
High-side bootstrap supply. External bootstrap capacitor is required. Connect positive side of bootstrap capacitor to this pin.
Bootstrap diode is on-chip.
HO
High-side output. Connect to gate of high-side power MOSFET.
HS
High-side source connection. Connect to source of high-side power MOSFET. Connect negative side of bootstrap capacitor to this
pin.
HI
High-side input.
LI
Low-side input.
VSS
Chip negative supply, which will generally be ground.
LO
Low-side output. Connect to gate of low-side power MOSFET.
EPAD
Exposed pad. Connect to ground or float. The EPAD is electrically isolated from all other pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com