Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN6294 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # FN6294
Description  100V, 2A Peak, High Frequency Half-Bridge Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6294 Datasheet(HTML) 2 Page - Renesas Technology Corp

  FN6294 Datasheet HTML 1Page - Renesas Technology Corp FN6294 Datasheet HTML 2Page - Renesas Technology Corp FN6294 Datasheet HTML 3Page - Renesas Technology Corp FN6294 Datasheet HTML 4Page - Renesas Technology Corp FN6294 Datasheet HTML 5Page - Renesas Technology Corp FN6294 Datasheet HTML 6Page - Renesas Technology Corp FN6294 Datasheet HTML 7Page - Renesas Technology Corp FN6294 Datasheet HTML 8Page - Renesas Technology Corp FN6294 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ISL2100A, ISL2101A
FN6294 Rev 4.2
Page 2 of 11
Oct 17, 2023
Functional Block Diagram
UNDER
VOLTAGE
VDD
HI
LI
VSS
DRIVER
DRIVER
HB
HO
HS
LO
LEVEL SHIFT
UNDER
VOLTAGE
EPAD (DFN PACKAGE ONLY)
ISL2101A
ISL2101A
*EPAD = EXPOSED PAD. THE EPAD IS ELECTRICALLY ISOLATED FROM ALL OTHER
PINS. FOR BEST THERMAL PERFORMANCE CONNECT THE EPAD TO THE PCB
POWER GROUND PLANE
.
SECONDARY
ISOLATION
PWM
+48V
+12V
CIRCUIT
FIGURE 1. TWO-SWITCH FORWARD CONVERTER
ISL2100A
ISL2101A
SECONDARY
CIRCUIT
ISOLATION
PWM
+48V
+12V
FIGURE 2. FORWARD CONVERTER WITH AN ACTIVE-CLAMP
ISL2100A
ISL2101A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com