Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN6294 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # FN6294
Description  100V, 2A Peak, High Frequency Half-Bridge Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6294 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button FN6294 Datasheet HTML 2Page - Renesas Technology Corp FN6294 Datasheet HTML 3Page - Renesas Technology Corp FN6294 Datasheet HTML 4Page - Renesas Technology Corp FN6294 Datasheet HTML 5Page - Renesas Technology Corp FN6294 Datasheet HTML 6Page - Renesas Technology Corp FN6294 Datasheet HTML 7Page - Renesas Technology Corp FN6294 Datasheet HTML 8Page - Renesas Technology Corp FN6294 Datasheet HTML 9Page - Renesas Technology Corp FN6294 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ISL2100A, ISL2101A
FN6294 Rev 4.2
Page 6 of 11
Oct 17, 2023
Timing Diagrams
FIGURE 3. PROPAGATION DELAYS
FIGURE 4. DELAY MATCHING
tHPLH,
tLPLH
tHPHL,
tLPHL
HI,
LI
HO,
LO
tMON
tMOFF
LI
HI
LO
HO
Typical Performance Curves
FIGURE 5. ISL2100A IDD OPERATING CURRENT vs
FREQUENCY
FIGURE 6. ISL2101A IDD OPERATING CURRENT vs
FREQUENCY
FIGURE 7. IHB OPERATING CURRENT vs FREQUENCY
FIGURE 8. IHBS OPERATING CURRENT vs FREQUENCY
10
100
1 .10
3
0.1
1
10
FREQUENCY (kHz)
T = -40°C
T = +25°C
T = +125°C
T = +150°C
10
100
1 .103
0.1
1
10
FREQUENCY (kHz)
T = -40°C
T = +25°C
T = +150°C
T = +125°C
10
100
1 .10
3
0.01
0.1
1
10
FREQUENCY (kHz)
T = -40°C
T = +25°C
T = +150°C
T = +125°C
10
100
1 .10
3
0.01
0.1
1
10
FREQUENCY (kHz)
T = +125°C
T = -40°C
T = +25°C
T = +150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com