Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN6294 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # FN6294
Description  100V, 2A Peak, High Frequency Half-Bridge Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6294 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button FN6294 Datasheet HTML 4Page - Renesas Technology Corp FN6294 Datasheet HTML 5Page - Renesas Technology Corp FN6294 Datasheet HTML 6Page - Renesas Technology Corp FN6294 Datasheet HTML 7Page - Renesas Technology Corp FN6294 Datasheet HTML 8Page - Renesas Technology Corp FN6294 Datasheet HTML 9Page - Renesas Technology Corp FN6294 Datasheet HTML 10Page - Renesas Technology Corp FN6294 Datasheet HTML 11Page - Renesas Technology Corp FN6294 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ISL2100A, ISL2101A
FN6294 Rev 4.2
Page 8 of 11
Oct 17, 2023
FIGURE 15. ISL2100A DELAY MATCHING vs TEMPERATURE
FIGURE 16. ISL2101A DELAY MATCHING vs TEMPERATURE
FIGURE 17. PEAK PULL-UP CURRENT vs OUTPUT VOLTAGE
FIGURE 18. PEAK PULL-DOWN CURRENT vs OUTPUT
VOLTAGE
FIGURE 19. ISL2100A QUIESCENT CURRENT vs VOLTAGE
FIGURE 20. ISL2101A QUIESCENT CURRENT vs VOLTAGE
Typical Performance Curves (Continued)
-50
0
50
100
150
3
4
5
6
7
8
9
10
TEMPERATURE (°C)
tMOFF
tMON
-50
0
50
100
150
2
3
4
5
6
7
8
9
10
TEMPERATURE (°C)
tMOFF
tMON
04
8
10
12
0
0.5
1.0
1.5
2.0
2.5
VLO, VHO (V)
26
0
4
8
10
12
0
0.5
1.0
1.5
2.0
2.5
VLO, VHO (V)
26
0
5
10
15
20
0
20
40
60
80
100
120
140
160
180
200
220
240
260
VDD, VHB (V)
IDD
IHB
0
5
10
15
20
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
340
VDD, VHB (V)
IDD
IHB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com