Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN6294 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # FN6294
Description  100V, 2A Peak, High Frequency Half-Bridge Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6294 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button FN6294 Datasheet HTML 3Page - Renesas Technology Corp FN6294 Datasheet HTML 4Page - Renesas Technology Corp FN6294 Datasheet HTML 5Page - Renesas Technology Corp FN6294 Datasheet HTML 6Page - Renesas Technology Corp FN6294 Datasheet HTML 7Page - Renesas Technology Corp FN6294 Datasheet HTML 8Page - Renesas Technology Corp FN6294 Datasheet HTML 9Page - Renesas Technology Corp FN6294 Datasheet HTML 10Page - Renesas Technology Corp FN6294 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ISL2100A, ISL2101A
FN6294 Rev 4.2
Page 7 of 11
Oct 17, 2023
FIGURE 9. HIGH LEVEL OUTPUT VOLTAGE vs TEMPERATURE
FIGURE 10. LOW LEVEL OUTPUT VOLTAGE vs
TEMPERATURE
FIGURE 11. UNDERVOLTAGE LOCKOUT THRESHOLD vs
TEMPERATURE
FIGURE 12. UNDERVOLTAGE LOCKOUT HYSTERESIS vs
TEMPERATURE
FIGURE 13. ISL2100A PROPAGATION DELAYS vs
TEMPERATURE
FIGURE 14. ISL2101A PROPAGATION DELAYS vs
TEMPERATURE
Typical Performance Curves (Continued)
-50
0
50
100
150
150
200
250
300
350
400
450
500
TEMPERATURE (°C)
VDD = VHB = 9V
VDD = VHB = 12V
VDD = VHB = 14V
-50
0
50
100
150
150
200
250
300
350
400
450
TEMPERATURE (°C)
VDD = VHB = 12V
VDD = VHB = 9V
VDD = VHB = 14V
50
0
50
100
150
6.8
7.0
7.2
7.4
7.6
TEMPERATURE (°C)
VDDR
VHBR
-50
0
50
100
150
0.40
0.45
0.50
0.55
0.60
TEMPERATURE (°C)
VHBH
VDDH
-50
0
50
100
150
20
25
30
35
40
45
50
55
TEMPERATURE (°C)
tLPLH
tHPLH
tHPHL
tLPHL
-50
0
50
100
150
20
25
30
35
40
45
50
55
TEMPERATURE (°C)
tHPLH
tLPLH
tHPHL
tLPHL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com