Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN6294 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # FN6294
Description  100V, 2A Peak, High Frequency Half-Bridge Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6294 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button FN6294 Datasheet HTML 4Page - Renesas Technology Corp FN6294 Datasheet HTML 5Page - Renesas Technology Corp FN6294 Datasheet HTML 6Page - Renesas Technology Corp FN6294 Datasheet HTML 7Page - Renesas Technology Corp FN6294 Datasheet HTML 8Page - Renesas Technology Corp FN6294 Datasheet HTML 9Page - Renesas Technology Corp FN6294 Datasheet HTML 10Page - Renesas Technology Corp FN6294 Datasheet HTML 11Page - Renesas Technology Corp FN6294 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ISL2100A, ISL2101A
FN6294 Rev 4.2
Page 9 of 11
Oct 17, 2023
FIGURE 21. BOOTSTRAP DIODE I-V CHARACTERISTICS
FIGURE 22. VHS VOLTAGE vs VDD VOLTAGE
Typical Performance Curves (Continued)
0.3
0.4
0.5
0.6
0.7
0.
1 .10
-6
1 .10
-5
1 .10
-4
1 .10
-3
0.01
0.1
1
FORWARD VOLTAGE (V)
12
13
14
15
16
0
20
40
60
80
100
120
VDD to VSS VOLTAGE (V)
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to the web to make
sure that you have the latest revision
.
DATE
REVISION
CHANGE
Oct 17, 2023
4.2
Updated M8.15 POD to the latest revision (corrected typo).
Jul 22, 2021
4.1
Updated external links throughout.
Updating Ordering Information table format, removed retired part, corrected typo for SOIC package.
Updated SOIC Thermal Information as follows:
-Changed Theta JA from 120 to 107
-Changed Theta JC from N/A to 50
-Added Notes 8 and 9 and referenced them to SOIC thermals.
Removed About Intersil
Updated POD L9.3x3 to the latest revision, changes are as follows:
-Updated to new format with dimensions included. Also added a PCB land pattern.
Added latest version of POD M8.15.
Dec 8, 2015
4.0
- Updated Ordering Information Table on page 3.
- Added Revision History.
- Added About Intersil Verbiage.
- Updated POD L9.3X3 to latest revision changes are as follow:
Tiebar shown (if present) is a non-functional feature and may be located on any of the 4 sides (or ends)..
- Updated POD M8.15 to latest revision changes are as follow:
Changed Note 1 "1982" to "1994"
Changed in Typical Recommended Land Pattern the following:
2.41(0.095) to 2.20(0.087)
0.76 (0.030) to 0.60(0.023)
0.200 to 5.20(0.205)
Updated to new POD format by removing table and moving dimensions onto
drawing and adding land pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com