Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL3563 Datasheet(PDF) 7 Page - Suzhou Juyuan Microelectronics Co., Ltd

Part # PL3563
Description  Current mode PWM control chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMICRO [Suzhou Juyuan Microelectronics Co., Ltd]
Direct Link  https://pmicro.com.cn/en
Logo PMICRO - Suzhou Juyuan Microelectronics Co., Ltd

PL3563 Datasheet(HTML) 7 Page - Suzhou Juyuan Microelectronics Co., Ltd

  PL3563 Datasheet HTML 1Page - Suzhou Juyuan Microelectronics Co., Ltd PL3563 Datasheet HTML 2Page - Suzhou Juyuan Microelectronics Co., Ltd PL3563 Datasheet HTML 3Page - Suzhou Juyuan Microelectronics Co., Ltd PL3563 Datasheet HTML 4Page - Suzhou Juyuan Microelectronics Co., Ltd PL3563 Datasheet HTML 5Page - Suzhou Juyuan Microelectronics Co., Ltd PL3563 Datasheet HTML 6Page - Suzhou Juyuan Microelectronics Co., Ltd PL3563 Datasheet HTML 7Page - Suzhou Juyuan Microelectronics Co., Ltd PL3563 Datasheet HTML 8Page - Suzhou Juyuan Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Datasheet
Datasheet
Datasheet
Datasheet
PL3563/PL3563A
PL3563/PL3563A
PL3563/PL3563A
PL3563/PL3563A
V1.0 © 2011
www.pmicro.com.cn
7
PL3563/PL3563A的输出驱动级是图腾式结构,能
够驱动外部功率MOS管。芯片工作时,死区时间能
够减小
功率管之间的串通电流。为了避免功率管栅极电
压过大,输出驱动通常被箝位在15V,同时,内
部的软驱动也能很好的降低系统的EMI。
9.8
9.8
9.8
9.8 保护功能
为了增加开关电源的可靠性,芯片集成了多重保
护功能,包括:逐周期限流 (OCP), 过载保护
(OLP) 和过压保护(OVP),欠压保护 (UVLO)。 系
统重载时,FB电压大于功率限制阈值点,经过
T_OLP_D (功率限制延迟时间)后, 控制芯片将关
闭外置功率MOS管,当VDD下降到 UVLO阈值,芯片
将重新启动。正常状态下,VDD由辅助绕组 供电,
当VDD电压过高,芯片内部会将VDD电压钳位。



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com